Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6062AIMXNOPB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6062AIMXNOPB
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6062AIMXNOPB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6062AIMXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMC6062AIMXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMC6062
www.ti.com
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6062AM
LMC6062AI
LMC6062I
Symbol
Parameter
Conditions
Typ(2)
Units
Limit(3)
Limit(3)
Limit(3)
TCVOS
Input Offset Voltage
1.0
μV/°C
Average Drift
IB
Input Bias Current
0.010
pA
100
4
4
Max
IOS
Input Offset Current
0.005
pA
100
2
2
Max
RIN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode
0V
≤ VCM ≤ 12.0V
85
75
75
66
dB
Rejection Ratio
V+ = 15V
70
72
63
Min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
85
75
75
66
dB
Rejection Ratio
VO = 2.5V
70
72
63
Min
−PSRR
Negative Power Supply
0V
≤ V≤ −10V
100
84
84
74
dB
Rejection Ratio
70
81
71
Min
VCM
Input Common-Mode
V+ = 5V and 15V
−0.4
−0.1
−0.1
−0.1
V
Voltage Range
for CMRR
≥ 60 dB
0
0
0
Max
V+
− 1.9
V+
− 2.3
V+
− 2.3
V+
− 2.3
V
V+
− 2.6
V+
− 2.5
V+
− 2.5
Min
AV
Large Signal
RL = 100 kΩ
(4)
Sourcing
4000
400
400
300
V/mV
Voltage Gain
200
300
200
Min
Sinking
3000
180
180
90
V/mV
70
100
60
Min
RL = 25 kΩ
(4)
Sourcing
3000
400
400
200
V/mV
150
150
80
Min
Sinking
2000
100
100
70
V/mV
35
50
35
Min
VO
Output Swing
V+ = 5V
4.995
4.990
4.990
4.950
V
RL = 100 kΩ to 2.5V
4.970
4.980
4.925
Min
0.005
0.010
0.010
0.050
V
0.030
0.020
0.075
Max
V+ = 5V
4.990
4.975
4.975
4.950
V
RL = 25 kΩ to 2.5V
4.955
4.965
4.850
Min
0.010
0.020
0.020
0.050
V
0.045
0.035
0.150
Max
V+ = 15V
14.990
14.975
14.975
14.950
V
RL = 100 kΩ to 7.5V
14.955
14.965
14.925
Min
0.010
0.025
0.025
0.050
V
0.050
0.035
0.075
Max
V+ = 15V
14.965
14.900
14.900
14.850
V
RL = 25 kΩ to 7.5V
14.800
14.850
14.800
Min
0.025
0.050
0.050
0.100
V
0.200
0.150
0.200
Max
(4)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6062


Similar Part No. - LMC6062AIMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIMX-NOPB TI1-LMC6062AIMX-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIMX-NOPB TI1-LMC6062AIMX-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIMX/NOPB TI1-LMC6062AIMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062AIMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com