Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6572BIMNOPB Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6572BIMNOPB
Description  LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6572BIMNOPB Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6572BIMNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMC6572BIMNOPB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LMC6572, LMC6574
SNOS707D – DECEMBER 1996 – REVISED MARCH 2013
www.ti.com
APPLICATIONS HINTS
LOW VOLTAGE AMPLIFIER TOPOLOGY
The LMC6574/2 incorporates a novel op-amp design topology that enables it to maintain rail-to-rail output swing
even when driving a large load. Instead of relying on a push-pull unity gain output buffer stage, the output stage
is taken directly from the internal integrator, which provides both low output impedance and large gain. Special
feed-forward compensation design techniques are incorporated to maintain stability over a wider range of
operating conditions than traditional micropower op-amps. These features make the LMC6574/2 both easier to
design with, and provide higher speed than products typically found in this ultra-low power class.
COMPENSATING FOR INPUT CAPACITANCE
It is quite common to use large values of feedback resistance for amplifiers with ultra-low input current, like the
LMC6574/2.
Although the LMC6574/2 is highly stable over a wide range of operating conditions, a large feedback resistor will
react even with small values of capacitance at the input of the op-amp to reduce phase margin. The capacitance
at the input of the op-amp comes from transducers, photodiodes and circuit board parasitics.
The effect of input capacitance can be compensated for by adding a capacitor, Cf, around the feedback resistors
(as in Figure 30) such that:
(1)
or
R1 CIN ≤ R2 Cf
(2)
Since it is often difficult to know the exact value of CIN, Cf can be experimentally adjusted so that the desired
pulse response is achieved. Refer to the LMC660 and LMC662 for a more detailed discussion on compensating
for input capacitance.
When high input impedances are demanded, guarding of the LMC6574/2 is suggested. Guarding input lines will
not only reduce leakage, but lowers stray input capacitance as well. (See PRINTED-CIRCUIT-BOARD LAYOUT
FOR HIGH-IMPEDANCE WORK
Figure 30. Cancelling the Effect of Input Capacitance
CAPACITIVE LOAD TOLERANCE
Direct capacitive loading will reduce the phase margin of many op-amps. A pole in the feedback loop is created
by the combination of the op-amp's output impedance and the capacitive load. This pole induces phase lag at the
unity-gain crossover frequency of the amplifier resulting in either an oscillatory or underdamped pulse response.
With a few external components, op amps can easily indirectly drive capacitive loads, as shown in Figure 31.
10
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: LMC6572 LMC6574


Similar Part No. - LMC6572BIMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6572BIM NSC-LMC6572BIM Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572BIM/NOPB TI1-LMC6572BIM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572BIMM NSC-LMC6572BIMM Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
LMC6572BIMMX NSC-LMC6572BIMMX Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
LMC6572BIMX NSC-LMC6572BIMX Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
More results

Similar Description - LMC6572BIMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6572 TI1-LMC6572 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572 NSC-LMC6572 Datasheet
429Kb / 13P
   Low Voltage (2.7V and 3V) Operational Amplifier
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com