Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6642MAXNOPB Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6642MAXNOPB
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6642MAXNOPB Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6642MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6642MAXNOPB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
1
2
3
4
5
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
VOUT (VPP)
VS = 5V
AV = -1
RL = 2k to VS/2
5MHz
10MHz
0.0
1.0
2.0
3.0
4.0
5.0
-20
-30
-40
-50
-60
-70
-80
-90
VOUT (VPP)
VS = 5V, AV = +2
RL = 2k: & 100: to VS/2
100:,1MHz
100: 5MHz
2k:, 5MHz
2k:, 10MHz
100:, 10MHz
0
1
2
3
4
5
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
VOUT (VPP)
5MHz
10MHz
VS = 5V
AV = -1
RL = 2k to VS/2
10k
100k
1M
10M
150M
FREQUENCY (Hz)
-20
0
20
40
60
80
40
20
0
60
VS = ±5V
RL = 2k
-40°C
85°C
25°C
GAIN
PHASE
100k
1M
10M
100M
FREQUENCY (Hz)
0
4
7
10
VS = ±5V
AV = -1
RL = 100:
8
9
6
5
3
2
1
RL =
2K
FREQUENCY (Hz)
10k
100k
1M
10M
150M
-20
0
20
40
60
80
40
20
0
60
VS = ±1.5V
RL= 2k
-40°C
85°C
25°C
PHASE
GAIN
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V= −5V, R
F = RL = 2kΩ. Unless otherwise specified.
VOUT (VPP) for THD < 0.5%
Open Loop Gain/Phase for Various Temperature
Figure 19.
Figure 20.
Open Loop Gain/Phase for Various Temperature
HD2 (dBc) vs. Output Swing
Figure 21.
Figure 22.
HD3 (dBc) vs. Output Swing
HD2 vs. Output Swing
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6642MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642MAX NSC-LMH6642MAX Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MAX TI-LMH6642MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MAX TI-LMH6642MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MAX TI-LMH6642MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MAX/NOPB TI1-LMH6642MAX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6642MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com