Electronic Components Datasheet Search |
|
R2518T1R0M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc |
|
R2518T1R0M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc |
2 / 14 page 14 ▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification. Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/). 61 / WIRE-WOUND CHIP INDUCTORS (LB SERIES) REFLOW i_wound_LB_e-E02R01 WIRE-WOUND CHIP INDUCTORS (LB SERIES) ■PARTS NUMBER *Operating Temp. : -40~+105℃(Including self-generated heat) L B △ △ 2 0 1 2 T 1 0 0 M △ △ △ △ △=Blank space ① ② ③ ④ ⑤ ⑥ ⑦ ⑧ ①Series name Code Series name LB Wound chip inductor ②Characteristics Code Characteristic △△ Standard △C High current △R Low Rdc MF Low loss ③Dimensions(L×W) Code Type(inch) Dimensions (L×W)[mm] 1608 1608(0603) 1.6×0.8 2012 2012(0805) 2.0×1.25 2016 2016(0806) 2.0×1.6 2518 2518(1007) 2.5×1.8 3218 3218(1207) 3.2×1.8 3225 3225(1210) 3.2×2.5 ④Packaging Code Packaging T Taping ⑤Nominal inductance Code (example) Nominal inductance[μH] 1R0 1.0 100 10 101 100 ※R=Decimal point ⑥Inductance tolerance Code Inductance tolerance K ±10% M ±20% ⑦Special code Code Special code △ Standard R Low Rdc type ⑧Internal code ■STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY Recommended Land Patterns Surface Mounting ・Mounting and soldering conditions should be checked beforehand. ・Applicable soldering process to these products is reflow soldering only. Type A B C 1608 0.55 0.7 0.9 MF1608 0.55 0.7 1.0 2012 0.60 1.0 1.45 2016 0.60 1.0 1.8 2518 0.60 1.5 2.0 3218 0.85 1.7 2.0 3225 0.85 1.7 2.7 Unit:mm Type L W T e Standard quantity [pcs] Paper tape Embossed tape LB 1608 1.6±0.1 (0.063±0.004) 0.8±0.1 (0.031±0.004) 0.8±0.1 (0.031±0.004) 0.35±0.15 (0.014±0.006) 4000 - LBMF1608 1.6±0.2 (0.063±0.008) 0.8±0.2 (0.031±0.008) 0.8±0.2 (0.031±0.008) 0.45±0.15 (0.016±0.006) - 3000 LB 2012 LB C2012 LB R2012 2.0±0.2 (0.079±0.008) 1.25±0.2 (0.049±0.008) 1.25±0.2 (0.049±0.008) 0.5±0.2 (0.020±0.008) - 3000 LB 2016 LB C2016 2.0±0.2 (0.079±0.008) 1.6±0.2 (0.063±0.008) 1.6±0.2 (0.063±0.008) 0.5±0.2 (0.020±0.008) - 2000 LB 2518 LB C2518 LB R2518 2.5±0.2 (0.098±0.008) 1.8±0.2 (0.071±0.008) 1.8±0.2 (0.071±0.008) 0.5±0.2 (0.020±0.008) - 2000 LB 3218 3.2±0.2 (0.128±0.008) 1.8±0.2 (0.071±0.008) 1.8±0.2 (0.071±0.008) 0.6±0.2 (0.024±0.008) - 2000 LB C3225 3.2±0.2 (0.128±0.008) 2.5±0.2 (0.098±0.008) 2.5±0.2 (0.098±0.008) 0.6±0.3 (0.024±0.012) - 1000 Unit:mm(inch) |
Similar Part No. - R2518T1R0M |
|
Similar Description - R2518T1R0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |