Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MAXNOPB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6643MAXNOPB
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MAXNOPB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6643MAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MAXNOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
N/C
+
-
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO = 0V, VID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to ground. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
ISC
Output Short Circuit Current
Sourcing to Ground
60
115
VID = 200mV
(6) (7)
35
mA
Sinking to Ground
85
145
VID = −200mV
(6) (7)
65
IOUT
Output Current
VO = 0.5V from either supply
±75
mA
PSRR
Power Supply Rejection Ratio
(V+, V) = (4.5V,
−4.5V) to (5.5V,
78
90
dB
−5.5V)
IS
Supply Current (per channel)
No Load
2.70
4.50
mA
5.50
(6)
Short circuit test is a momentary test. See Note 7.
(7)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
Connection Diagram
Figure 3. 5-Pin SOT-23 (LMH6642)
Figure 4. 8-Pin SOIC (LMH6642)
Top View
Top View
Package Number DBV0005A
Package Number D0008A
Figure 5. SOIC and VSSOP 8-Pin
Figure 6. 14-Pin SOIC and 14-Pin TSSOP
(LMH6643)
(LMH6644)
Top View
Top View
Package Number DGK0008A
Package Numbers D0014A, PW0014A
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6643MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6643MAX NSC-LMH6643MAX Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI1-LMH6643MAX Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com