Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV301 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV301
Description  LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV301_14 Datasheet HTML 1Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 2Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 3Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 4Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 5Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV301_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMV301
www.ti.com
SNOS968A – MAY 2004 – REVISED MAY 2013
1.8V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 1.8V, V= 0V, V
CM = V
+/2, V
O = V
+/2, and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
VCM = 0.4V, V
+ = 1.3V, = V= −0.5V
0.9
8
mV
9
IB
Input Bias Current
0.182
35
pA
50
IS
Supply Current
VCM = 0.4V, V
+ = 1.3V, = V= −0.5V
150
250
µA
275
CMRR
Common Mode Rejection Ratio
0.3V
≤ VCM ≤ 0.9V
62
108
dB
60
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V,
67
110
dB
0.9
≤ VCM ≤ 2.5V
62
VCM
Input Common-Mode Voltage
For CMRR
≥ 50dB
−0.3
0.6
V
Range
0
AV
Large Signal Voltage Gain
RL = 600Ω to 0V, V
+ = 1.2V, V= −0.6V,
80
119
Sourcing
VO = −0.2V to 0.8V, VCM = 0V
75
dB
RL = 2kΩ to 0V, V
+ = 1.2V, V= −0.6V, V
O
80
111
=
−0.2V to 0.8V, VCM = 0V
75
Sinking
RL = 600Ω to 0V, V
+ = 1.2V, V= −0.6V,
80
94
VO = −0.2V to 0.8V, VCM = 0V
75
dB
RL = 2kΩ to 0V, V
+ = 1.2V, V= −0.6V, V
O
80
96
=
−0.2V to 0.8V, VCM = 0V
75
VO
Output Swing
RL = 600Ω to 0.9V
VOH
1.65
1.72
V
VIN = ±100mV
1.63
VOL
0.074
0.100
V
RL = 2kΩ to 0.9V
VOH
1.75
1.77
V
VIN = ±100mV
1.74
VOL
0.024
0.035
V
0.040
IO
Output Short Circuit Current
Sourcing,
4
8.4
mA
VO = 0V, VIN = 100mV
3.3
Sinking,
7
9.8
mA
VO = 1.8V, VIN = −100mV
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical value represent the most likely parametric norm.
1.8V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 1.8V, V= 0V, V
CM = V
+/2, V
O = V
+/2, and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ(1)
Units
SR
Slew Rate
See(2)
0.57
V/µs
GBW
Gain Bandwidth Product
1
MHz
φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1kHz, VCM = 0.5V
40
nV/
√Hz
f = 100kHz
30
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.089
%
RL = 600k
Ω, VIN = 1VPP
(1)
Typical value represent the most likely parametric norm.
(2)
V+ = 5V. Connected as voltage follower with 5V step input. Number specified is the slower of the positive and negative slew rates.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV301


Similar Part No. - LMV301_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results

Similar Description - LMV301_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
[Old version datasheet]   LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
   1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
   1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
logo
Texas Instruments
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com