Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV614MTNOPB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV614MTNOPB
Description  Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV614MTNOPB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV614MTNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV614MTNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMV611, LMV612, LMV614
www.ti.com
SNOSC69B – APRIL 2012 – REVISED MARCH 2013
LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V
Operational Amplifiers
Check for Samples: LMV611, LMV612, LMV614
1
FEATURES
DESCRIPTION
The LMV611/LMV612/LMV614 are single, dual, and
2
(Typical 1.8V Supply Values; Unless Otherwise
quad low voltage, low power Operational Amplifiers.
Noted)
They are designed specifically for low voltage general
Ensured 1.8V, 2.7V and 5V Specifications
purpose
applications.
Other
important
product
Output Swing
characteristics are, rail to-rail input/output, low supply
voltage of 1.8V and wide temperature range. The
w/600
Ω Load 80mV from Rail
LMV611/LMV612/LMV614
input
common
mode
w/2k
Ω Load 30mV from Rail
extends 200mV beyond the supplies and the output
VCM 200mV Beyond Rails
can swing rail-to-rail unloaded and within 30mV with
2kohm
load
at
1.8V
supply.
The
LMV611/2/4
Supply Current (Per Channel) 100
μA
achieves a gain bandwidth of 1.4MHz while drawing
Gain Bandwidth Product 1.4MHz
100 uA (typ) quiescent current.
Maximum VOS 4.0mV
The industrial-plus temperature range of
−40°C to
Temperature Range
−40°C to 125°C
125°C
allows
the
LMV611/LMV612/LMV614
to
accommodate
a
broad
range
of
extended
APPLICATIONS
environment applications.
Consumer Communication
The LMV611 is offered in the tiny 5-Pin SC70
Consumer Computing
package, the LMV612 in space saving 8-Pin VSSOP
and SOIC, and the LMV614 in 14-Pin TSSOP and
PDAs
SOIC. These small package amplifiers offer an ideal
Audio Pre-Amp
solution for applications requiring minimum PCB
Portable/Battery-Powered Electronic
footprint. Applications with area constrained PC board
requirements include portable and battery operated
Equipment
electronics.
Supply Current Monitoring
Battery Monitoring
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV614MTNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV614MT TI1-LMV614MT Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV614MT/NOPB TI1-LMV614MT/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV614MTX TI1-LMV614MTX Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV614MTX/NOPB TI1-LMV614MTX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
More results

Similar Description - LMV614MTNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com