Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV951 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV951
Description  2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV951_14 Datasheet HTML 1Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 2Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 3Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 4Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 5Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 6Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 7Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 8Page - National Semiconductor (TI) LMV951_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMV951
SNOSAI3C – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Supply Voltage (V+ – V)
3.1V
VIN Differential
±0.3V
Voltage at Input/Output Pin
V+ +0.3V, V
−0.3V
Current at Input Pin
±10 mA
Junction Temperature (4)
+150°C
Mounting Temperature
Infrared or Convection (20 sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
OPERATING RATINGS
(1)
Temperature Range (2)
−40°C to +125°C
Supply Voltage
0.9V to 3V
Thermal Resistance (
θJA)
(2)
170°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV951


Similar Part No. - LMV951_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
More results

Similar Description - LMV951_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2371-DIE TI-TLV2371-DIE Datasheet
70Kb / 5P
[Old version datasheet]   TLV2371-DIE Rail-to-Rail Input/Output Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com