Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV951MKXNOPB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV951MKXNOPB
Description  2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951MKXNOPB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV951MKXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV951MKXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LMV951
SNOSAI3C – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
1.8V ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified, all limits specified for at TA = 25°C, V
+ = 1.8V, V= 0V, V
CM = 0.9V, Shutdown = 0V, and RL = 1
M
Ω.Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
1.5
2.8
mV
3.0
TC VOS
Input Offset Average Drift
0.15
μV/°C
IB
Input Bias Current
36
80
nA
85
IOS
Input Offset Current
0.2
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.8V
82
93
dB
80
PSRR
Power Supply Rejection Ratio
1V
≤ V+ ≤ 1.8V, VCM = 0.5V
70
92
67
dB
1V
≤ V+ ≤ 3V, VCM = 0.5V
68
85
65
VCM
Input Common-Mode Voltage
CMRR
≥ 82 dB
−0.2
2
V
Range
CMRR
≥ 80 dB
−0.2
2
AV
Large Signal Voltage Gain
VOUT = 0.2 to 1.6V
86
110
RL = 600Ω to 0.9V
83
dB
VOUT = 0.2 to 1.6V
86
116
RL = 2 kΩ to 0.9V
83
VOUT
Output Voltage Swing High
RL = 600Ω to 0.9V
50
33
60
RL = 2 kΩ to 0.9V
25
13
34
mV from
rail
Output Voltage Swing Low
RL = 600Ω to 0.9V
80
54
105
RL = 2 kΩ to 0.9V
35
17
44
IOUT
Output Short Circuit Current (4)
Sourcing
50
85
VO = 0V, VIN(DIFF) = ±0.2V
35
mA
Sinking
45
80
VO = 1.8V, VIN(DIFF) = ±0.2V
25
IS
Supply Current
Active Mode VSD <0.5V
570
780
880
μA
Shutdown Mode VSD >1.3V
0.3
2.2
10
SR
Slew Rate
See (5)
1.4
V/
μs
GBWP
Gain Bandwidth Product
2.8
MHz
en
Input - Referred Voltage Noise
f = 1 kHz
25
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.2
pA/Hz
THD
Total Harmonic Distortion
f = 1 kHz, AV = 1, RL = 1 kΩ
0.02
%
ISD
Shutdown Pin Current
Active Mode, VSD = 0V
.001
1
µA
Shutdown Mode, VSD = 1.8V
.001
1
VSD
Shutdown Pin Voltage Range
Active Mode
0
0.5
V
Shutdown Mode
1.45
1.8
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions is very limited self-
heating of the device.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
The short circuit test is a momentary test, the short circuit duration is 1.5 ms
(5)
Number specified is the average of the positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV951


Similar Part No. - LMV951MKXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951MKX TI1-LMV951MKX Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
LMV951MKX/NOPB TI1-LMV951MKX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
More results

Similar Description - LMV951MKXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2371-DIE TI-TLV2371-DIE Datasheet
70Kb / 5P
[Old version datasheet]   TLV2371-DIE Rail-to-Rail Input/Output Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com