Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UOLED-128-G2-AR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UOLED-128-G2-AR
Description  Arduino Display Module Pack Featuring a .15" OLED Display Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UOLED-128-G2-AR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UOLED-128-G2-AR Datasheet HTML 1Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 2Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 3Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 4Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 5Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 6Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 7Page - List of Unclassifed Manufacturers UOLED-128-G2-AR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4D SYSTEMS
uOLED-128-G2-AR
© 2014 4D SYSTEMS
Page 3 of 8
www.4dsystems.com.au
1. Description
The 4D Systems Arduino* Display Module Pack
(uOLED-128-G2-AR) is made up of a uOLED-128-G2
Display Module and an Adaptor to easily connect
an Arduino to the 4D Systems Display.
The Pack comprises of:
 uOLED-128-G2 Display Module
 4D Arduino Adaptor Shield
 5 way Female-Female Cable
The Arduino Display Module Pack enables an
Arduino user to quickly connect the 4D Arduino
Adaptor Shield to their Arduino, connect the 5 way
cable between the Adaptor and the Goldelox
powered Display Module, and be connected in
seconds to start programming their new 4D
Systems Display.
The Goldelox processor in the uOLED-128-G2 can
be configured in a number of ways using the 4D
Systems
Workshop4
IDE,
which
enable
a
comprehensive range of serial commands ready to
be received from the Arduino, to draw primitives
such as lines, rectangles, circles and text, to
displaying images, playing sound and logging data
to uSD card.
Communication
to
the
Display
Module
is
performed via the Arduino’s hardware serial port.
A single digital on the Arduino is utilised for an
external reset for the display.
Power for the display is supplied from the
Arduino’s 5V bus. In most cases, no external power
is required for the Display Module as all power is
supplied from the Arduino, via the Adaptor Shield.
The Arduino DC Jack may be required to supply the
Arduino with power if the USB supply of the PC is
insufficient.
In some cases, the display may be required to be
powered separately to the Arduino, which the
Arduino Adaptor Shield allows. Please refer to the
Datasheet for the 4D Arduino Adaptor Shield for
more information.
For a detailed listing of the capabilities of the
display module in this Arduino Pack, please refer
to the datasheet for the display itself, available
from
the
4D
Systems
website,
www.4dsystems.com.au.
4D Arduino Adaptor Shield
The uOLED-128-G2 Display Module
NOTE (*): Arduino remains the property of the
Arduino Team. All references to the word Arduino
and Arduino Hardware are licensed under the
Creative Commons Attribution Share-Alike license.


Similar Part No. - UOLED-128-G2-AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UOLED-128-G2 ETC2-UOLED-128-G2 Datasheet
1Mb / 18P
   1.5??microOLED GOLDELOX Display
logo
4D Systems Pty Ltd
UOLED-128-G2 4DSYSTEMS-UOLED-128-G2 Datasheet
2Mb / 20P
   microOLED Display Modules
19th September 2019/REVISION: 1. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com