Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGW2G271MELA40 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGW2G271MELA40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGW2G271MELA40 Datasheet(HTML) 1 Page - Nichicon corporation

  LGW2G271MELA40 Datasheet HTML 1Page - Nichicon corporation LGW2G271MELA40 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tangent of loss angle (tan
δ)
Within ±20% of the initial capacitance value
Performance Characteristics
10 ±
0.1
2-2 φ
(PC board hole dimensions)
(Terminal dimensions)
1.5
0.8
+0.2
-0.1
+0
.2
-0.1
0.8
+0.2
-0.1
Polarity bar
10
2
 4.0
±0.5
Pressure relief vent
±0.1
Sleeve (P.E.T.)
L
1
G
2
W
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
Z3 0
12
13 14
Configuration
Case dia. code
Case length code
Capacitance tolerance (
±20%)
Rated capacitance (120
µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Drawing
Type numbering system (Example : 400V 120µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
– 40 to +105°C (200
250V) ,
– 25 to +105°C (400
450V)
200 to 450V
82 to 2200µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 3000 hours at 105°C, the peak
voltage shall not exceed the rated voltage.
Z
25°C/ Z+20°C
Z
40°C/ Z+20°C
Rated voltage(V)
Impedance ratio
ZT/Z20 (MAX.)
200 250
3
12
400 450
8
ALUMINUM ELECTROLYTIC CAPACITORS
GW
series
Snap-in Terminal Type, 105°C High Ripple Current
High Ripple current.
Withstanding 3000 hours application of rated ripple current at 105°C.
Compliant to the RoHS directive (2011/65/EU).
Dimension table in next page.
GU
High Ripple
Current
After storig the capacitors under no load at 105°C for
1000 hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the
requirements listed at right.
Capacitance change
Leakage current
tan
δ
Within ±15% of the initial capacitance value
Less than or equal to the initial specified value
150% or less than the initial specified value
Capacitance change
Leakage current
tan
δ
Less than or equal to the initial specified value
200% or less than the initial specified value
3 CV
GW
Measurement frequency : 120Hz at 20°C
Rated voltage(V)
tan
δ (MAX.)
200 to 400
0.15
450
0.20
Minimum order quantity : 50pcs.
Frequency coefficient of rated ripple current
Frequency (Hz)
400 450
Coeff.
50
60
120
300
1k
10k
50k or more
0.77
0.82
1.00
1.16
1.30
1.41
1.43
0.81
0.85
1.00
1.17
1.32
1.45
1.50
200 250
The other terminal is also available upon request.
Please refer page 328 for schematic of dimensions.
CAT.8100C


Similar Description - LGW2G271MELA40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com