Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5245B Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MMBZ5245B
Description  SURFACE MOUNT ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MMBZ5245B Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MMBZ5245B Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CE
MMBZ52-SERIES
CHENYI ELECTRONICS
SURFACE MOUNT ZENER DIODES
350mW
Nominal
Dynamic
Test
Dynamic
Test
Revrese
Test
Cross-
Marking Zen.V1tg
Imped.
Current
Imped.
Current
Current
Voltage
Package
Part No.
Reference
Code
@Izt
@Izt
@Izk
@Vr
Vz(V)
Zzt(
)
Izt(mA)
Zzk(
)
Izk(mA)
Ir(uA)
Vr(V)
Reel
MMBZ5226B
TMPZ5226B
8A
3.3
28.0
1600
25.0
1.0
MMBZ5227B
TMPZ5227B
8B
3.6
24.0
1700
15.0
1.0
MMBZ5228B
TMPZ5228B
8C
3.9
23.0
1900
10.0
1.0
MMBZ5229B
TMPZ5229B
8D
4.3
22.0
2000
5.0
1.0
MMBZ5230B
TMPZ5230B
8E
4.7
19.0
1900
5.0
2.0
MMBZ5231B
TMPZ5231B
8F
5.1
17.0
1600
5.0
2.0
MMBZ5232B
TMPZ5232B
8G
5.6
11.0
1600
5.0
3.0
MMBZ5233B
TMPZ5233B
8H
6.0
7.0
20.0
1600
5.0
3.5
MMBZ5234B
TMPZ5234B
8J
6.2
7
1000
5
4
MMBZ5235B
TMPZ5235B
8K
6.8
5
750
3
5
MMBZ5236B
TMPZ5236B
8L
7.5
6
500
3
6
MMBZ5237B
TMPZ5237B
8M
8.2
8
500
3
6.5
MMBZ5238B
TMPZ5238B
8N
8.7
8
600
3
6.5
MMBZ5239B
TMPZ5239B
8P
9.1
10
600
3
7
MMBZ5240B
TMPZ5240B
8Q
10
17
600
0.25
3
8
3000
MMBZ5241B
TMPZ5241B
8R
11
22
600
2
8.4
MMBZ5242B
TMPZ5242B
8S
12.0
30.0
20.0
600
1.0
9.1
MMBZ5243B
TMPZ5243B
8T
13.0
13.0
9.5
600
0.5
9.9
MMBZ5244B
TMPZ5244B
8U
14.0
15.0
9.0
600
0.1
10.0
MMBZ5245B
TMPZ5245B
8V
15.0
16.0
8.5
600
0.1
11.0
MMBZ5246B
TMPZ5246B
8W
16.0
17.0
7.8
600
0.1
12.0
MMBZ5247B
TMPZ5247B
8X
17.0
19.0
7.4
600
0.1
13.0
MMBZ5248B
TMPZ5248B
8Y
18.0
21.0
7.0
600
0.1
14.0
MMBZ5249B
TMPZ5249B
8Z
19.0
23.0
6.6
600
0.1
14.0
MMBZ5250B
TMPZ5250B
81A
20.0
25.0
6.2
600
15.0
MMBZ5251B
TMPZ5251B
82B
22.0
29.0
5.6
600
17.0
MMBZ5252B
TMPZ5252B
81C
24.0
33.0
5.2
600
18.0
MMBZ5253B
TMPZ5253B
81D
25.0
35.0
5.0
600
0.1
19.0
MMBZ5254B
TMPZ5254B
81E
27.0
41.0
4.6
600
21.0
MMBZ5255B
TMPZ5255B
81F
28.0
44.0
4.5
600
21.0
MMBZ5256B
TMPZ5256B
81G
30.0
49.0
4.2
600
23.0
MMBZ5257B
TMPZ5257B
81H
33.0
58.0
3.8
700
25.0
Cases:SOT-23 Molded Plastic


Similar Part No. - MMBZ5245B

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5245B SKTECHNOLGY-MMBZ5245B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
MMBZ5245B PANJIT-MMBZ5245B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
TAITRON Components Inco...
MMBZ5245B TAITRON-MMBZ5245B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5245B DIODES-MMBZ5245B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5245B FAIRCHILD-MMBZ5245B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5245B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com