Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS50BLU-BK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SBS50BLU-BK
Description  SBS짰 Connectors - up to 110 amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBS50BLU-BK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SBS50BLU-BK Datasheet HTML 1Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 2Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 3Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 4Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 5Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 6Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 7Page - List of Unclassifed Manufacturers SBS50BLU-BK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.andersonpower.com - 53 -
All Data Subject To Change Without Notice
| SBS® CONNECTOR TEMPERATURE CHARTS |
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110
SBS®75x Auxiliary Contacts @ 10A
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110
SBS®75x Auxiliary Contacts @ 20A
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0 10 20 30 40 50 60 70 80 90 100 110
SBS®75x Auxiliary Contacts @ 10A
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0 10 20 30 40 50 60 70 80 90 100110
SBS®75x Auxiliary Contacts @ 20A
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0
20
40
60
80
100 120 140
SBS®75x Primary Contacts Only
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110 120
SBS®75x Primary Contacts Only
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0
20
40
60
80
100 120 140
SBS®50
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
10 AWG
12 AWG
SBS®50
Temperature Rise at Constant Current
Amperes Applied
6 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0
20
40
60
80
100
120
NOTE: Temperature rise charts are based on a 25°C ambient temperature.


Similar Part No. - SBS50BLU-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS50BLU-BK APP-SBS50BLU-BK Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - SBS50BLU-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
512C16 ETC2-512C16 Datasheet
203Kb / 1P
   512C Up to 32 Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com