Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4344EA2K5 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4344EA2K5
Description  LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4344EA2K5 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA4344EA2K5 Datasheet HTML 7Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 8Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 9Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 10Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 11Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 12Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 13Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 14Page - National Semiconductor (TI) OPA4344EA2K5 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
SBOS107A
OPA344, 2344, 4344
OPA345, 2345, 4345
11
performance curve “Small-Signal Overshoot vs Capacitive
Load.” In unity-gain configurations, capacitive load drive
can be improved by inserting a small (10
Ω to 20Ω) resistor,
RS, in series with the output, as shown in Figure 5. This
significantly reduces ringing while maintaining dc perfor-
mance for purely capacitive loads. However, if there is a
resistive load in parallel with the capacitive load, a voltage
divider is created, introducing a dc error at the output and
slightly reducing the output swing. The error introduced is
proportional to the ratio RS/RL, and is generally negligible.
FIGURE 6. OPA344 in Noninverting Configuration Driving ADS7822.
FIGURE 7. Speech Bandpass Filtered Data Acquisition System.
DRIVING A/D CONVERTERS
The OPA344 and OPA345 series op amps are optimized for
driving medium-speed sampling A/D converters. The
OPA344 and OPA345 op amps buffer the A/D’s input
capacitance and resulting charge injection while providing
signal gain.
Figures 6 shows the OPA344 in a basic noninverting con-
figuration driving the ADS7822. The ADS7822 is a 12-bit,
micro-power sampling converter in the MSOP-8 package.
When used with the low-power, miniature packages of the
OPA344, the combination is ideal for space-limited, low-
power applications. In this configuration, an RC network at
the A/D’s input can be used to filter charge injection.
Figure 7 shows the OPA2344 driving an ADS7822 in a
speech bandpass filtered data acquisition system. This small,
low-cost solution provides the necessary amplification and
signal conditioning to interface directly with an electret
microphone. This circuit will operate with VS = +2.7V to
+5V with less than 500
µA quiescent current.
FIGURE 5. Series Resistor in Unity-Gain Configuration
Improves Capacitive Load Drive.
10
Ω to
20
OPA344
V+
V
IN
V
OUT
R
S
R
L
C
L
C
3
33pF
V+
GND
3
1
8
4
5
6
7
–IN
+IN
2
C
2
DCLOCK
Serial
Interface
1000pF
R
1
1.5k
R
4
20k
R
5
20k
R
6
100k
R
8
150k
R
9
510k
R
7
51k
D
OUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C1
1000pF
Electret
Microphone(1)
G = 100
Passband 300Hz to 3kHz
R
3
1M
R
2
1M
NOTE: (1) Electret microphone
powered by R
1.
ADS7822
12-Bit A/D
1/2
OPA2344
1/2
OPA2344
ADS7822
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA344
+5V
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1
µF
0.1
µF
7
6
5
NOTE: A/D Input = 0 to V
REF
V
IN = 0V to 5V for
0V to 5V output.
RC network filters high frequency noise.
500
3300pF


Similar Part No. - OPA4344EA2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4344EA2K5 TI-OPA4344EA2K5 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA4344EA2K5G4 TI-OPA4344EA2K5G4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4344EA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com