Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4344PA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA4344PA
Description  LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4344PA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA4344PA Datasheet HTML 1Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 2Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 3Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 4Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 5Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 6Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 7Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 8Page - National Semiconductor (TI) OPA4344PA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
FEATURES
q RAIL-TO-RAIL INPUT
q RAIL-TO-RAIL OUTPUT (within 1mV)
q LOW QUIESCENT CURRENT: 150
µA typ
q MicroSIZE PACKAGES
SOT23-5
MSOP-8
TSSOP-14
q GAIN-BANDWIDTH
OPA344: 1MHz, G
1
OPA345: 3MHz, G
5
q SLEW RATE
OPA344: 0.8V/
µs
OPA345: 2V/
µs
q THD + NOISE: 0.006%
APPLICATIONS
q PCMCIA CARDS
q DATA ACQUISITION
q PROCESS CONTROL
q AUDIO PROCESSING
q COMMUNICATIONS
q ACTIVE FILTERS
q TEST EQUIPMENT
DESCRIPTION
The OPA344 and OPA345 series rail-to-rail CMOS
operational amplifiers are designed for precision, low-power,
miniature applications. The OPA344 is unity gain stable,
while the OPA345 is optimized for gains greater than or equal
to five, and has a gain-bandwidth product of 3MHz.
The OPA344 and OPA345 are optimized to operate on a
single supply from 2.5V and up to 5.5V with an input
common-mode voltage range that extends 300mV
beyond the supplies. Quiescent current is only
250
µA (max).
Rail-to-rail input and output make them ideal for driving
sampling analog-to-digital converters. They are also well suited
for general purpose and audio applications and providing I/V
conversion at the output of D/A converters. Single, dual and
quad versions have identical specs for design flexibility.
A variety of packages are available. All are specified for
operation from –40ºC to 85ºC. A SPICE macromodel for
design analysis is available for download from www.ti.com.
OPA345
OPA2345
OPA4345
OPA344
OPA2344
OPA4344
1
2
3
5
4
V+
–In
Out
V–
+In
OPA344, OPA345
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA344, OPA345
SO-8, 8-Pin DIP (OPA344 Only)
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2344, OPA2345
SO-8, MSOP-8, 8-Pin DIP (OPA2344 Only)
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
–V
+In C
–In C
Out C
Out A
–In A
+In A
+V
+In B
–In B
Out B
OPA4344, OPA4345
TSSOP-14, SO-14, 14-PIn DIP (OPA4344 Only)
AD
BC
®
OPA3
42
OPA4
344
OPA3
44
OPA
345
www.ti.com
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
SBOS107A – APRIL 2000 – REVISED AUGUST 2008


Similar Part No. - OPA4344PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4344PA BURR-BROWN-OPA4344PA Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4344PA TI-OPA4344PA Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA4344PA TI1-OPA4344PA Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA4344PAG4 TI-OPA4344PAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA4344PAG4 TI1-OPA4344PAG4 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4344PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com