Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6405A Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N6405A
Description  600W TRANSIENT VOLTAGE SUPPRESSOR UNIDIRECTIONAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6405A Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N6405A Datasheet HTML 1Page - Digitron Semiconductors 1N6405A Datasheet HTML 2Page - Digitron Semiconductors 1N6405A Datasheet HTML 3Page - Digitron Semiconductors 1N6405A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121016
1N6402-1N6456A
600W TRANSIENT VOLTAGE SUPPRESSOR
UNIDIRECTIONAL
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Reverse
stand-off
voltage(1)
Breakdown voltage
Maximum
reverse
leakage @ VR
Maximum
clamping
voltage @ IPP
Maximum
peak pulse
current
BV
VR
Min
Max
IT
IR
VC
IPP
Maximum
voltage
temperature
variation of BV
Part number
Volts
Volts
mA
µA
Volts
A
mV/°C
1N6416
16
17.80
21.80
1
5
28.8
20.9
19
1N6416A
16
17.80
19.70
1
5
26.0
23.1
17
1N6417
17
18.90
23.10
1
5
30.5
19.7
20
1N6417A
17
18.90
20.90
1
5
27.6
21.8
19
1N6418
18
20.0
24.40
1
5
32.2
18.7
21
1N6418A
18
20.0
22.10
1
5
29.2
20.6
20
1N6419
20
22.20
27.10
1
5
35.8
16.8
25
1N6419A
20
22.20
24.50
1
5
32.4
18.5
23
1N6420
22
24.40
29.80
1
5
39.4
15.3
28
1N6420A
22
24.40
26.90
1
5
35.5
16.9
25
1N6421
24
26.70
32.60
1
5
43.0
14.0
31
1N6421A
24
26.70
29.50
1
5
38.9
15.4
28
1N6422
26
28.90
35.30
1
5
46.6
12.9
31
1N6422A
26
28.90
31.90
1
5
42.1
14.3
30
1N6423
28
31.10
38.00
1
5
50.0
12.0
35
1N6423A
28
31.10
34.40
1
5
45.4
13.2
31
1N6424
30
33.30
40.70
1
5
53.5
11.2
39
1N6424A
30
33.30
36.80
1
5
48.4
12.4
36
1N6425
33
36.70
44.90
1
5
59.0
10.2
45
1N6425A
33
36.7
40.60
1
5
53.3
11.3
41
1N6426
36
40.00
48.90
1
5
64.3
9.4
49
1N6426A
36
40.00
44.20
1
5
58.1
10.4
45
1N6427
40
44.40
54.30
1
5
71.4
8.4
55
1N6427A
40
44.40
49.10
1
5
64.5
9.3
50
1N6428
43
47.80
58.40
1
5
76.7
7.8
60
1N6428A
43
47.80
52.80
1
5
69.4
8.7
54
1N6429
45
50.00
61.10
1
5
80.3
7.5
63
1N6429A
45
50.00
55.30
1
5
72.7
8.3
57
1N6430
48
53.30
65.10
1
5
85.5
7.0
68
1N6430A
48
53.30
58.90
1
5
77.4
7.8
61
1N6431
51
56.70
69.30
1
5
91.1
6.6
72
1N6431A
51
56.70
62.70
1
5
82.4
7.3
65
1N6432
54
60.00
73.30
1
5
96.3
6.3
76
1N6432A
54
60.00
66.30
1
5
87.1
6.9
69
1N6433
58
64.40
78.70
1
5
103.0
5.9
83
1N6433A
58
64.40
71.20
1
5
93.6
6.4
74
1N6434
60
66.70
81.50
1
5
107.0
5.6
86
1N6434A
60
66.70
73.70
1
5
96.8
6.2
77
1N6435
64
71.10
86.90
1
5
114.0
5.3
91


Similar Part No. - 1N6405A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N6402 NJSEMI-1N6402 Datasheet
129Kb / 2P
   Transient Voltage Suppressors
More results

Similar Description - 1N6405A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com