Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH610A-1X006 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH610A-1X006
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-1X006 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH610A-1X006 Datasheet HTML 1Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 2Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 3Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 4Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 5Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 6Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 7Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 8Page - Vishay Siliconix SFH610A-1X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Alternative Device Available
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 23-May-13
3
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Collector emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
f = 1 MHz
CC
0.4
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH610A-1
CTR
40
80
%
SFH6106-1
CTR
40
80
%
SFH610A-2
CTR
63
125
%
SFH6106-2
CTR
63
125
%
SFH610A-3
CTR
100
200
%
SFH6106-3
CTR
100
200
%
SFH610A-4
CTR
160
320
%
SFH6106-4
CTR
160
320
%
SFH610A-5
CTR
250
500
%
SFH6106-5T
CTR
250
500
%
IF = 1 mA, VCE = 5 V
SFH610A-1
CTR
13
30
%
SFH6106-1
CTR
13
30
%
SFH610A-2
CTR
22
45
%
SFH6106-2
CTR
22
45
%
SFH610A-3
CTR
34
70
%
SFH6106-3
CTR
34
70
%
SFH610A-4
CTR
56
90
%
SFH6106-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCC = 5 V, RL = 75 
IF
10
mA
Rise time
VCC = 5 V, RL = 75 
tr
2μs
Fall time
VCC = 5 V, RL = 75 
tf
2μs
Turn-on time
VCC = 5 V, RL = 75 
ton
3μs
Turn-off time
VCC = 5 V, RL = 75 
toff
2.3
μs
Cut-off frequency
VCC = 5 V
FCO
250
kHz
SATURATED
Current
SFH610A-1
IF
20
mA
SFH6106-1
SFH610A-2
IF
10
mA
SFH6106-2
SFH610A-3
IF
10
mA
SFH6106-3
SFH610A-4
IF
5mA
SFH6106-4
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SFH610A-1X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A-1X006 VISHAY-SFH610A-1X006 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-1X006 VISHAY-SFH610A-1X006 Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A-1X006 VISHAY-SFH610A-1X006 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
More results

Similar Description - SFH610A-1X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com