Electronic Components Datasheet Search
Selected language     English  ā–¼


W01G Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part No. W01G
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENYI [Shanghai Lunsure Electronic Tech]
Homepage  http://www.cnelectr.com
Logo 

   
 1 page
background image
CE
W005G THRU W10G
CHENYI ELECTRONICS
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:1.5A
FEATURES
Ideal for printed circuit board
High surge capcability 60A peak
High case dielectric strength
MECHANICAL DATA
. Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
. Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
. Polarity: Polarity symbol marked on body
. Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL W005G
W01G
W02G
W04G
W06G
W08G
W10G
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
current at Ta=50
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 1.5A
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage Ta=125
Ir
m A
Tyoical Junction Capacitance(Note 1)
Cj
24
pF
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
Note:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
1.0
-55 to +125
-55 to +150
1.5
50
1.0
10.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2KBP005MIN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE 1 2 Transys Electronics
DF005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
DF005SSINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
RB151SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
GBL005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
W005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
D10SB10SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics
GBP005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
W005MSINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
D15SB10SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl