Electronic Components Datasheet Search |
|
6-104068-3 Datasheet(PDF) 29 Page - Tyco Electronics |
|
6-104068-3 Datasheet(HTML) 29 Page - Tyco Electronics |
29 / 100 page 29 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions Performance Specifications Note: All part numbers are RoHS compliant. Board-to-Board Connectors, Vertical and Right-Angle Mating Force — 6.4 oz (1.78 N] max. per contact Unmating Force — 1.0 oz [0.28 N] min. per contact Durability — Tested to 200 cycles min. Current Rating — (30°C T rise): .5 ampere per contact Operating Temperature Range — -65°C to +105°C Termination Resistance — 16 milliohms max. (initial) Insulation Resistance — 5000 megohms min. (initial) Dielectric Withstanding Voltage — 300 VAC Cable-to-Board Connectors Mating Force — 6.4 oz (1.78 N] max. per contact Unmating Force Without Latch — .5 oz [0.14 N] min. per contact Durability — Tested to 200 cycles min. Current Rating — (10°C T rise); .5 ampere per contact Operating Temperature Range — -65°C to +105°C Termination Resistance — 25 milliohms max. (initial and final) Insulation Resistance — 5000 megohms min. (initial) Dielectric Withstanding Voltage — 300 VAC Technical Documents Various technical documents are available for your use: Product Specifications describe technical performance characteristics and verification tests. They are intended for the Design, Component and Quality Engineer. 108-1332 AMPMODU 50/50 Grid Vertical Board-to-Board Connectors 108-1443 AMPMODU 50/50 Grid Right-Angle Board-to-Board and Cable Connectors Application Specifications describe requirements for using the product in its intended application and/or crimping information. They are intended for the Packaging and Design Engineer and the Machine Setup Person. 114-7010 AMPMODU 50/50 Grid Connector System Instruction Sheets provide instructions for assembling or applying the product. They are intended for the Manufacturing Assembler or Operator. 408-9817 Manual Miniature Application Frame Assembly 91295-1 408-9909 Cover Closing Kit 543518-1 |
Similar Part No. - 6-104068-3 |
|
Similar Description - 6-104068-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |