Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6422A Datasheet(PDF) 4 Page - Digitron Semiconductors

Part # 1N6422A
Description  600W TRANSIENT VOLTAGE SUPPRESSOR UNIDIRECTIONAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6422A Datasheet(HTML) 4 Page - Digitron Semiconductors

  1N6422A Datasheet HTML 1Page - Digitron Semiconductors 1N6422A Datasheet HTML 2Page - Digitron Semiconductors 1N6422A Datasheet HTML 3Page - Digitron Semiconductors 1N6422A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6402-1N6456A
600W TRANSIENT VOLTAGE SUPPRESSOR
UNIDIRECTIONAL
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Reverse
stand-off
voltage(1)
Breakdown voltage
Maximum
reverse
leakage @ VR
Maximum
clamping
voltage @
IPP
Maximum
peak pulse
current
BV
VR
Min
Max
IT
IR
VO
IPP
Maximum
voltage
temperature
variation of
BV
Part number
Volts
Volts
mA
µA
Volts
A
mV/°C
1N6454A
300
333.00
368.00
5
5
508
1.5
405
1N6455
320
355.00
434.00
5
5
608
1.5
477
1N6455A
320
355.00
393.00
5
5
550
1.5
432
1N6456
340
377.00
461.00
5
5
655
1.5
507
1N6456A
340
377.00
417.00
5
5
592
1.5
459
MECHANICAL CHARACTERISTICS
Case
DIGI E
Polarity
Cathode band
Marking
Alpha numeric
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121016
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
0.165
0.180
4.200
4.570
BL
0.315
0.335
8.000
8.520
LD
0.037
0.043
0.940
1.092
LL
1.000
-
25.400
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.


Similar Part No. - 1N6422A

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
1N64 AMMSEMI-1N64 Datasheet
1Mb / 2P
   GERMANIUM DIODES
1N64 AMMSEMI-1N64 Datasheet
1Mb / 2P
   GERMANIUM DOIDES
logo
New Jersey Semi-Conduct...
1N6402 NJSEMI-1N6402 Datasheet
129Kb / 2P
   Transient Voltage Suppressors
1N6415 NJSEMI-1N6415 Datasheet
74Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Microsemi Corporation
1N643 MICROSEMI-1N643 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
More results

Similar Description - 1N6422A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com