Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74CBT3257 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74CBT3257
Description  4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3257 Datasheet(HTML) 6 Page - Unisonic Technologies

  U74CBT3257 Datasheet HTML 1Page - Unisonic Technologies U74CBT3257 Datasheet HTML 2Page - Unisonic Technologies U74CBT3257 Datasheet HTML 3Page - Unisonic Technologies U74CBT3257 Datasheet HTML 4Page - Unisonic Technologies U74CBT3257 Datasheet HTML 5Page - Unisonic Technologies U74CBT3257 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U74CBT3257
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-922.A
TEST CIRCUIT AND WAVEFORMS
TEST
VCC
VI
tR / tF
V∆
VEXT
CL
RL
tPLH/tPHL
4V
VCC or GND
≤2.5ns
Open
50pF
500Ω
5V±0.5V
VCC or GND
≤2.5ns
Open
50pF
500Ω
tPLZ/tPZL
4V
GND
≤2.5ns
0.3V
7V
50pF
500Ω
5V±0.5V
GND
≤2.5ns
0.3V
7V
50pF
500Ω
tPHZ/tPZH
4V
VCC
≤2.5ns
0.3V
Open
50pF
500Ω
5V±0.5V
VCC
≤2.5ns
0.3V
Open
50pF
500Ω
PROPAGATION DELAY TIMES
ENABLE AND DISABLE TIMES
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR≤10MHz,
ZO=50Ω, tr≤2.5ns, tf≤2.5 ns.
3. The outputs are measured one at a time with one transition per measurement.
4. tPLZ and tPHZ are the same as tdis.
5. tPZL and tPZH are the same as ten.
6. tPLH and tPHL are the same as tpd(s).
7. All parameters and waveforms are not applicable to all devices.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74CBT3257

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257CG-P16-R UTC-U74CBT3257CG-P16-R Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257CG-R16-R UTC-U74CBT3257CG-R16-R Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257G-P16-R UTC-U74CBT3257G-P16-R Datasheet
201Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results

Similar Description - U74CBT3257

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257_15 Datasheet
201Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com