Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

215464-4 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 215464-4
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

215464-4 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 215464-4 Datasheet HTML 2Page - Tyco Electronics 215464-4 Datasheet HTML 3Page - Tyco Electronics 215464-4 Datasheet HTML 4Page - Tyco Electronics 215464-4 Datasheet HTML 5Page - Tyco Electronics 215464-4 Datasheet HTML 6Page - Tyco Electronics 215464-4 Datasheet HTML 7Page - Tyco Electronics 215464-4 Datasheet HTML 8Page - Tyco Electronics 215464-4 Datasheet HTML 9Page - Tyco Electronics 215464-4 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Table of Contents
Ribbon Cable Interconnect Solutions
Ribbon Cable Connector Selection Guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2, 3
.025 [0.64] Centerline Ribbon Cable Connectors
System 50 Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-12
Cable-to-Board Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8, 9, 12
Board-to-Board Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10, 11
Ultra ATA Bus Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13-15
.039 [1.00] Centerline Ribbon Cable Connectors
2 mm [.079] Receptacle Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16, 17
AMPMODU 50/50 Grid Connector System
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Board-to-Board Vertical Receptacles and Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Board-to-Board Vertical Receptacles, Double Row, .050 x .050
[1.27 x 1.27] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Board-to-Board Vertical Headers, Double Row, .050 x .050 [1.27 x 1.27] Centers . . . 21
Recommended PC Board Layouts for Vertical Connectors . . . . . . . . . . . . . . . . . . . . . 22
Board-to-Board Right-Angle Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Board-to-Board Right-Angle Headers, Double Row, .050 x .050 [1.27 x 1.27]
Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Cable-to-Board Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Cable-to-Board Receptacle Connectors, Double Row, .050 x .050 [1.27 x 1.27]
Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Terminating Covers for Cable Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Application Tooling for Cable Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Performance Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Technical Documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Micro-MaTch Connector System
Miniature Connector System . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
System Overview/Technical Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Applications (3 Dimensions) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Applications (2 Dimensions) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Female-on-Board Connector, Top Entry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Female-on-Board Connector, Side Entry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Female-on-Board Connector Surface Mount Device (SMD)
. . . . . . . . . . . . . . . . . . . . . 36
Male-on-Board Connector
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Male-on-Wire Connector
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Paddle Board Connector
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Crimp On Snap In (COSI) Connector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Specials
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Application Tooling
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42, 43
Lead Assembly and Sample Box . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
.050 [1.27] Centerline Ribbon Cable Connectors
Universal I/O Pin Connectors without Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Universal I/O Pin Connectors with Slotted Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . 46
EUROLATCH Receptacles 64-Position (Three-Row Housings, Two Rows Loaded) . . . . 47
Novo Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48-51
Military Polarized, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Center and Military Polarized, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . 50
Dual Polarized, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Female Socket Connectors, .100 x .100 [2.54 x 2.54] Centers, 622 and 636 Series . . . 52, 53
Female Socket Connectors, .100 x .100 [2.54 x 2.54] Centers, 609 Series . . . . . . . . . 54, 55
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 609 Series . . . . . . . . . . . . . . . . . . . . . . . . 56
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 622 Series . . . . . . . . . . . . . . . . . . . . . . . . 57


Similar Part No. - 215464-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
215464-4 MACOM-215464-4 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 215464-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com