Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09FLZ-RSM1-TB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 09FLZ-RSM1-TB
Description  Connectors for FFC and FPC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

09FLZ-RSM1-TB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  09FLZ-RSM1-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 09FLZ-RSM1-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers 09FLZ-RSM1-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers 09FLZ-RSM1-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers 09FLZ-RSM1-TB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
496
PC board layout (viewed from component side) and Assembly layout ––––––––––––––––––
4.6(.181)
[0.7(.028)]
2.05(.081)
1.55(.061)
5.1(.201)
0.7(.028)
FPC
FPC
0.3
±0.05(.012±.002)
0.5
±0.03(.020±.001)
3.75(.148)
1.2
±0.1
(.047
±.004)
0.5
±0.03
(.020
±.001)
0.35
±0.05
(.014
±.002)
3.3
±0.1
(.130
±.004)
2.85
(.112)
Note:
1. Tolerances are non-cumulative:
±0.03mm(±.001" ) for all centers.
2. The dimensions above should serve as a guideline.
Contact JST for details.
(13 to 50 circuits) <Inner-lock type>
(6 to 33 circuits)
FLZ CONNECTOR


Similar Part No. - 09FLZ-RSM1-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09FLZ-RSM2-TB ETC2-09FLZ-RSM2-TB Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
More results

Similar Description - 09FLZ-RSM1-TB

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
Yamaichi Electronics Co...
FPC-96212-0401 YAMAICHI-FPC-96212-0401 Datasheet
290Kb / 5P
   ZIF for FFC / FPC Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com