Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

164J24 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 164J24
Description  LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

164J24 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  164J24 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 164J24 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
3
4
2
5
6
7
8
Notch locates
Pin 1
Pins 2 & 3 are omitted on the 164 series (single primary)
4
2
3
1
8
7
6
5
PRI
SEC
115V
Primary Wiring for 115V
(Parallel Connection)
4
2
3
1
8
7
6
5
PRI
SEC
230V
Primary Wiring for 230V
(Series Connection)
4
2
3
1
8
7
6
5
PRI
SEC
Parallel
Secondary Wiring
(Parallel Connection)
4
2
3
1
8
7
6
5
PRI
SEC
Series
Secondary Wiring
(Series Connection)
Connection Information 162 / 164 Series Transformers
Secondary Connections - both 162 & 164 Series Transformers
Primary Connections - 162 Series Transformers
Primary Connections - 164 Series Transformers
4
1
8
7
6
5
PRI
SEC
115V


Similar Part No. - 164J24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
164J2A11 MACOM-164J2A11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results

Similar Description - 164J24

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
   Low Voltage - P.C. Board Mount (183 Series)
227T HAMMOND-227T Datasheet
278Kb / 1P
   Low Voltage - P.C. Board Mount (226-228 Series)
145J HAMMOND-145J Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G16 HAMMOND-183G16 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183E10 HAMMOND-183E10 Datasheet
294Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G10 HAMMOND-183G10 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183E36 HAMMOND-183E36 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183K20 HAMMOND-183K20 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183H10 HAMMOND-183H10 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com