Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-215464-0 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 9-215464-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-215464-0 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 9-215464-0 Datasheet HTML 4Page - Tyco Electronics 9-215464-0 Datasheet HTML 5Page - Tyco Electronics 9-215464-0 Datasheet HTML 6Page - Tyco Electronics 9-215464-0 Datasheet HTML 7Page - Tyco Electronics 9-215464-0 Datasheet HTML 8Page - Tyco Electronics 9-215464-0 Datasheet HTML 9Page - Tyco Electronics 9-215464-0 Datasheet HTML 10Page - Tyco Electronics 9-215464-0 Datasheet HTML 11Page - Tyco Electronics 9-215464-0 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Cable-to-Board Connectors, .025 [0.64] Centerline Ribbon Cable
Ribbon Cable Interconnect Solutions
The System 50 Ribbon
Cable connector is a
receptacle connector that
will terminate ribbon cable
on .025 [0.64] centerlines.
It is available in select sizes
from 10 to 100 positions
and will accommodate 30
AWG [0.05 mm2] solid or
stranded and 32 AWG
[0.03 mm2] stranded
conductors with PVC cable
insulation.
The housing and cover
are of a high temperature
tolerant thermoplastic
(black) with a UL 94V-0
rating. A phosphor bronze
single mating beam contact
provides the interconnect
between the conductor and
the .015 [0.38] square posts
on the .050 x .100
[1.27 x 2.54] grid. The
contacts are plated with
30 gold duplex plating. The
latching feature is located
on the receptacle, not the
header, and saves board
space and eliminates future
problems of “latch height
compatibility.”
Product Facts
I
Preassembled housing and
cover
I
One-step termination
I
End and daisy chain
termination
I
Positive end latching of
connector to universal
header
I
Terminates 30 AWG
[0.05 mm2] solid or
stranded and 32 AWG
[0.03 mm2] stranded
.025 [0.64] centerline
ribbon cable with PVC
insulation
I
Connectors are RoHS
compliant
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R


Similar Part No. - 9-215464-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-215464-0 MACOM-9-215464-0 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 9-215464-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com