Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-215464-0 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 9-215464-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-215464-0 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 9-215464-0 Datasheet HTML 15Page - Tyco Electronics 9-215464-0 Datasheet HTML 16Page - Tyco Electronics 9-215464-0 Datasheet HTML 17Page - Tyco Electronics 9-215464-0 Datasheet HTML 18Page - Tyco Electronics 9-215464-0 Datasheet HTML 19Page - Tyco Electronics 9-215464-0 Datasheet HTML 20Page - Tyco Electronics 9-215464-0 Datasheet HTML 21Page - Tyco Electronics 9-215464-0 Datasheet HTML 22Page - Tyco Electronics 9-215464-0 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
19
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Board-to-Board Vertical Receptacles and Headers
Ribbon Cable Interconnect Solutions
Product Facts
I
Surface-mount products for
parallel board-to-board
applications, as well as
right-angle board-to-board
and cable-to-board
applications
I
High density .050 x .050
[1.27x1.27] centerline grid
I
Three board-to-board stack
heights: .250 [6.35], .320
[8.13] and .390 [9.91]
I
Non-protrusive metallic
holddowns
I
Reliable dual beam
receptacle contacts for
redundant contact
I
Duplex plated receptacle
and post contacts; gold
plated on mating areas,
tin plated on tails
I
Compatible with standard
surface-mount processing
(VPR and IR)
I
Receptacle and header allow
for drainage of
processing fluids
I
Tape and reel packaging
available. Contact
TE for details
I
Polarized header and
receptacle assemblies
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by
Canadian Standards
Association
File No. LR7189
AMPMODU 50/50 Grid
Vertical Headers and
Receptacles are designed
for parallel board-to-board
stacking in high density
applications.
Right-angle board-to-board
and cable-to-board
applications are also
possible, since the vertical
receptacles also mate with
non-latching right-angle
headers (page 24) and the
vertical headers also mate
with non-latching cable
connectors.
Available are double row,
vertical shrouded headers
and receptacles in sizes
ranging from 10 through
100 positions (in 10 position
increments).
Parallel board-to-board
stack heights of .250 [6.35],
.320 [8.13] and .390 [9.91]
are achievable by selection
of the appropriate header.
The receptacle is the same
for all three stack height
headers.
Non-protrusive metallic
holddowns are designed for
use in .062 [1.57] or thicker
PC boards and allow
surface mounting to both
sides of the board. In
addition to providing
retention during processing,
the holddowns are soldered
during reflow and therefore
provide
long-term strain relief for
the solder joints.
AMPMODU 50/50 Grid
Vertical Headers and
Receptacles are designed
to be compatible with
standard surface-mount
processes; IR (infrared) and
VPR (vapor phase reflow).
The surface-mount
connectors have been
designed so that
dimensioning, tolerances,
referenced datums,
holddown characteristics
and packaging methods
result in a system that is
compatible with robotic
assembly.
The headers and receptacles
feature polarization to
prevent misalignment.
Three Board Stack Heights
Non-Protrusive
Metallic Holddowns
.250±.006
[6.35±0.15]
.320±.006
[8.13±0.15]
.390±.006
[9.91±0.15]
R
R


Similar Part No. - 9-215464-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-215464-0 MACOM-9-215464-0 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 9-215464-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com