Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5826 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N5826
Description  15 AMP SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5826 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5826 Datasheet HTML 1Page - Digitron Semiconductors 1N5826 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5826-1N5828
15 AMP SCHOTTKY RECTIFIER
MAXIMUM RATINGS
Symbol
Characteristics
Value
TSTG
Storage Temperature Range
-55 to +175°C
TJ
Operating Junction Temperature Range
-55 to +150°C
RθJC
Maximum Thermal Resistance
1.6°C/W Junction to case
RθJS
Typical Thermal Resistance (greased)
0.5°C/W Case to sink
Mounting Torque
12-15 inch pounds
Weight
0.2 ounces (6.0 grams) typical
ELECTRICAL CHARACTERISTICS
Symbol
Characteristic
Conditions
Value
IF(AV)
Average Forward Current
TC = 117°C, square wave, RθJC = 1.6°C/W
15 A
IFSM
Maximum Surge Current
8.3ms, half-sine TJ = 150°C
600 A
IR(OV)
Maximum Repetitive Peak Reverse Current
f = 1 KHz, 25°C, 1 µsec square wave
2 A
VFM
Maximum Peak Forward – 1N5826
IFM = 40A, TJ = 25°C*
.67 V
VFM
Maximum Peak Forward – 1N5827
IFM = 40A, TJ = 25°C*
.77 V
VFM
Maximum Peak Forward – 1N5828
IFM = 40A, TJ = 25°C*
.87 V
IRM
Maximum Peak Reverse Current
VRRM = TJ = 25°C
2 mA
CJ
Typical Junction Capacitance
VR = 5.0 V, TJ = 25°C
1200 pF
* Pulse test: Pulse width 300 µsec, duty cycle 2%
MECHANICAL CHARACTERISTICS
Case
DO-4
Marking
Body painted, alpha-numeric
Polarity
Cathode is stud, reverse = anode is stud
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20090805


Similar Part No. - 1N5826

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
   15 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
133Kb / 2P
   15 Amp schottky Rectifier
logo
New Jersey Semi-Conduct...
1N5826 NJSEMI-1N5826 Datasheet
354Kb / 1P
   full threads wihin 2 1/2 threads
1N5826 NJSEMI-1N5826 Datasheet
354Kb / 1P
   10-32 UNF3A threads
More results

Similar Description - 1N5826

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
   15 Amp Schottky Rectifier
logo
International Rectifier
MBRB1535CT IRF-MBRB1535CT Datasheet
34Kb / 3P
   SCHOTTKY RECTIFIER 15 Amp
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
   15 Amp schottky Rectifier
logo
Solid States Devices, I...
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
   15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SSR1640A SSDI-SSR1640A Datasheet
50Kb / 2P
   15 AMP 40 VOLTS SCHOTTKY RECTIFIER
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
   15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645J SSDI-SSR1645J Datasheet
201Kb / 2P
   15 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR15120AULPS MCC-MBR15120AULPS Datasheet
331Kb / 2P
   15 Amp Schottky Barrier Rectifier 120 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
   15 Amp Schottky Barrier Rectifier 45 Volts
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
   15 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com