Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKJ90A Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # NKJ90A
Description  Standard Recovery Diodes, 90A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKJ90A Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  NKJ90A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKJ90A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKJ90A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKJ90A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKJ90A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKJ90A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig.1 Current ratings characteristics
Average forward current (A)
Fig.3 Forward Power Loss characteristics
Fig.4 On-state power loss characteristics
Average
current (A)
forward
Average
current (A)
forward
Fig.5 Maximum non-repetitive surge
current
Fig.6 Maximum non-repetitive surge
current
Number of equal amplitude half
cycle current pulses (N)
Pulse train duration (S)
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
150
140
130
120
110
100
0
20
40
60
80
100
120
Conduction Angle
R
(DC) = 0.22°C/W
thJC
30°
60°
90° 120°
180°
30°
60°
90°
120°
180°
RMS Limit
160
140
120
100
80
60
40
20
0
Conduction Angle
0
20
40
60
80
100
120
Per leg, T = 150°C
j
200
180
160
140
120
100
80
60
40
20
0
160
140
120
100
80
60
40
20
0
Conduction Period
Per leg, T = 150°C
j
30°
60°
90°
120°
180°
RMS Limit
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T =
J
T max
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
2400
2100
1800
1500
1200
900
600
300
1
10
100
Per leg
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 150°C, @50Hz
J
No Voltage Reapplied
Rated V
Reapplied
RRM
2500
2250
2000
1750
1500
1250
1000
750
500
250
0.01
0.1
1
Per leg
Page 4 of 6
www.nellsemi.com
Fig.2 Current ratings characteristics
Average
current (A)
forward
Conduction Period
0
50
100
150
200
90
100
110
120
130
140
150
180°
120°
R
(DC) = 0.22°C/W
thJC
DC
90°
60°
30°
NKD90A/NKJ90A/NKC90A/NKE90A Series


Similar Part No. - NKJ90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKJ90A NELLSEMI-NKJ90A Datasheet
701Kb / 6P
   Standard Recovery Diodes
More results

Similar Description - NKJ90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKCF90 NELLSEMI-NKCF90 Datasheet
433Kb / 7P
   Fast Recovery Diodes, 90A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com