Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKE90A Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # NKE90A
Description  Standard Recovery Diodes, 90A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKE90A Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  NKE90A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKE90A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKE90A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKE90A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKE90A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKE90A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.11 Thermal lmpedance Z
characteristics
thJC
1
0.1
0.01
0.001
0.01
0.1
1
10
Per leg
Steady state value
R
= 0.45
thJC
(DC operation)
°C/W
Square wave pulse duration(S)
Page 6 of 6
www.nellsemi.com
Fig.10 Forward voltage characteristics
lnstantaneous forward voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
1000
T = 150°C
j
T = 25°C
j
Per leg
NKD90A/NKJ90A/NKC90A/NKE90A Series


Similar Part No. - NKE90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKE90A NELLSEMI-NKE90A Datasheet
701Kb / 6P
   Standard Recovery Diodes
More results

Similar Description - NKE90A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKCF90 NELLSEMI-NKCF90 Datasheet
433Kb / 7P
   Fast Recovery Diodes, 90A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com