Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKC110A Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKC110A
Description  Standard Recovery Diodes, 110A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKC110A Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKC110A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKC110A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKC110A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKC110A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKC110A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKC110A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICONDUCTOR
BLOCKING
Maximum peak reverse
leakage current
Maximum RMS insulation Voltage
VINS
V
ELECTRICAL SPECIFICATIONS
mA
Nell High Power Products
RoHS
RoHS
UNITS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REPETITIVE
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM
RSM
NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
l
,
MAXIMUM
RRM
AT
= 150°
C
TJ
mA
04
08
12
14
16
400
800
1200
1400
1600
500
900
1300
1500
1700
8
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
A
100
ºC
Maximum peak, one-cycle forward,
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
173
2600
2722
2189
2291
33.8
30.7
23.9
2
kA s
A
21.8
t = 0.1 to 10 ms, no voltage reapplied
Maximum l t for fusing
2
338
V
0.78
110
VFM
l
=330A,
FM
T = 25°C t = 400 µs square wave
J
, p
2.0
V
VF(TO)1
rf1
2
I √t
2
kA s
Maximum l √t for fusing
2
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
VF(TO)2
rf2
Maximum forward voltage drop
High level value of forward slope resistance
Low level value
slope resistance
of forward
High level value of threshold voltage
Low level value of threshold voltage
Maximum RMS forward current
DC at 100°C case temperature
(16.7% x π x l
< I
),T =T maximum
F(AV)
J
J
< π x lF(AV)
(I >
),T = T maximum
J
J
π x lF(AV)
(16.7% x π x l
< I
),T = T maximum
F(AV)
J
J
< π x lF(AV)
(I >
), T = T maximum
J
J
π x lF(AV)
A
0.92
1.65
1.35
2
I t
50 Hz
T = 150°C
J
lRRM
3000 (1 min)
3600 (1 s)
8
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
Page 2 of 6
www.nellsemi.com
NKC110..A
NKD110..A
NKJ110..A
NKE110..A
NKD110A/NKJ110A/NKC110A/NKE110A Series


Similar Part No. - NKC110A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKC11004A NELLSEMI-NKC11004A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11008A NELLSEMI-NKC11008A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11012A NELLSEMI-NKC11012A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11014A NELLSEMI-NKC11014A Datasheet
763Kb / 6P
   Standard Recovery Diodes
NKC11016A NELLSEMI-NKC11016A Datasheet
763Kb / 6P
   Standard Recovery Diodes
More results

Similar Description - NKC110A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com