Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKD160 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # NKD160
Description  Standard Recovery Diodes, 160 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKD160 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  NKD160 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKD160 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKD160 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKD160 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Fig.1 On-state current vs. voltage characteristic
Fig.2 Transient thermal impedance(junction-case)
Fig.3 Power consumption vs. average current
Fig.4 Case temperature vs. on-state average current
Fig.5 On-state surge current vs cycles
2
Fig.6 I t Characteristic
3.6
3.1
2.6
2.1
1.6
100
1000
10000
0.25
0.15
0.1
0.05
0
0.001
0.01
0.1
1
10
160
140
120
100
80
60
0
40
40
80
120
160
200
350
300
250
150
100
50
0
0
50
100
150
200
6
5
4
3
2
1
1
10
100
Cycles @50Hz
Time (ms)
On-state current (A)
Time (s)
On-state average current (A)
On-state average current (A)
200
180
100
80
120
160
140
60
1
40
10
1.1
0.6
0.2
200
240
180º
90º
30º
280
180º
90º
30º
7
Nell High Power Products
NKD160A/NKJ160A/NKC160A Series
T = 150°C
J
0
180
Conduction Angle
0
180
Conduction Angle
Page 4 of 4
www.nellsemi.com


Similar Part No. - NKD160

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160AS NELLSEMI-NKD160AS Datasheet
206Kb / 4P
   Standard Recovery Diodes, 160 A
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
206Kb / 4P
   Standard Recovery Diodes, 160 A
More results

Similar Description - NKD160

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKE160A NELLSEMI-NKE160A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A
NKD160AS NELLSEMI-NKD160AS Datasheet
206Kb / 4P
   Standard Recovery Diodes, 160 A
NKD160 NELLSEMI-NKD160 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 160 A (INT-A-PAK Power Modules)
NKD160S NELLSEMI-NKD160S Datasheet
2Mb / 3P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKE160-08A NELLSEMI-NKE160-08A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A(INT-A-PAK Power Modules)
NKD135A NELLSEMI-NKD135A Datasheet
322Kb / 4P
   Standard Recovery Diodes, 135 A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VSMD400AW60 VISHAY-VSMD400AW60 Datasheet
159Kb / 6P
   Standard Recovery Diodes, 400 A
Revision: 08-Mar-11
logo
Nell Semiconductor Co.,...
NKD240A NELLSEMI-NKD240A Datasheet
354Kb / 4P
   Standard Recovery Diodes, 240 A
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60_V01 Datasheet
166Kb / 6P
   Standard Recovery Diodes, 400 A
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com