Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5953A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N5953A
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5953A Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5953A Datasheet HTML 1Page - Digitron Semiconductors 1N5953A Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5913A-1N5956A
SILICON ZENER DIODES
MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
DC power dissipation @ TL = 25°C
PD
1.5
Watts
Maximum forward voltage @ IF = 200 mA
VF
1.2
Volts
Maximum thermal resistance junction to ambient air Note 1
R
θJA
120
°C/W
Junction temperature range
TJ
-65 to +175
°C
Storage temperature range
Tstg
-65 to +175
°C
Note 1: Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise specified)
Nominal zener voltage
Maximum zener impedance
Maximum reverse
leakage current
Maximum DC zener
current
VZ = IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
Part number
V
mA
Ω
Ω
mA
µA
V
mA
1N5913A
3.3
113.6
10
500
1.0
100
1.0
454
1N5914A
3.6
104.2
9.0
500
1.0
75
1.0
416
1N5915A
3.9
96.1
7.5
500
1.0
25
1.0
384
1N5916A
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1N5917A
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1N5918A
5.1
73.5
4.0
350
1.0
5.0
2.0
294
1N5919A
5.6
66.9
2.0
250
1.0
5.0
3.0
267
1N5920A
6.2
60.5
2.0
200
1.0
5.0
4.0
241
1N5921A
6.8
55.1
2.5
200
1.0
5.0
5.2
220
1N5922A
7.5
50.0
3.0
400
0.5
5.0
6.0
200
1N5923A
8.2
45.7
3.5
400
0.5
5.0
6.5
182
1N5924A
9.1
41.2
4.0
500
0.5
5.0
7.0
164
1N5925A
10
37.5
4.5
500
0.25
5.0
8.0
150
1N5926A
11
34.1
5.5
550
0.25
1.0
8.4
136
1N5927A
12
31.2
6.5
550
0.25
1.0
9.1
125
1N5928A
13
28.8
7.0
550
0.25
1.0
9.9
115
1N5929A
15
25.0
9.0
600
0.25
1.0
11.4
100
1N5930A
16
23.4
10
600
0.25
1.0
12.2
93
1N5931A
18
20.8
12
650
0.25
1.0
13.7
83
1N5932A
20
18.7
14
650
0.25
1.0
15.2
75
1N5933A
22
17.0
17.5
650
0.25
1.0
16.7
68
1N5934A
24
15.6
19
700
0.25
1.0
18.2
62
1N935A
27
13.9
23
700
0.25
1.0
20.6
55
1N5936A
30
12.5
28
750
0.25
1.0
22.8
50
1N5937A
33
11.4
33
800
0.25
1.0
25.1
45
1N5938A
36
10.4
38
850
0.25
1.0
27.4
41
1N5939A
39
9.6
45
900
0.25
1.0
29.7
38
1N5940A
43
8.7
53
950
0.25
1.0
32.7
34
1N5941A
47
8.0
67
1000
0.25
1.0
35.8
31
1N5942A
51
7.3
70
1100
0.25
1.0
38.8
29
1N5943A
56
6.7
86
1300
0.25
1.0
42.6
26
1N5944A
62
6.0
100
1500
0.25
1.0
47.1
24
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121011


Similar Part No. - 1N5953A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5953A EIC-1N5953A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5953A FCI-1N5953A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
SynSemi, Inc.
1N5953A SYNSEMI-1N5953A Datasheet
36Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1N5953A EIC-1N5953A Datasheet
95Kb / 2P
   SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1N5953A LUGUANG-1N5953A Datasheet
288Kb / 3P
   POWER DISSIPATION: 1.5W
More results

Similar Description - 1N5953A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com