Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKJ200 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKJ200
Description  Standard Recovery Diodes, 200 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKJ200 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKJ200 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKJ200 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKJ200 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKJ200 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
NKD200A/NKJ200A/NKC200A Series
FEATURES
• High voltage
• Electrically isolated by DBC ceramic (AI O )
2
3
• 3000 VRMS isolating voltage
• Industrial standard package
• High surge capability
• Modules uses high voltage power diodes in four
basic configurations
• Simple mounting
• UL approved file E320098
• Compliant to RoHS
• Designed and qualified for multiple level
APPLICATIONS
• DC motor control and drives
• Battery charges
• Welders
• Power converters
SYMBOL
A
kA2√s
2
I √t
PRODUCT SUMMARY
IF(AV)
200 A
UNITS
VALUE
A
2
kA s
°C
V
100
314
8000
8376
320
291
3200
400 to 1600
-40 to 150
Page 1 of 4
Standard Recovery Diodes, 200 A
(INT-A-PAK Power Modules)
-
-
+
+
+
~
NKD
NKJ
-
+
-
NKC
Modules - Diode, High Voltage
Type
MAJOR RATINGS AND CHARACTERISTICS
IF(AV)
TC
IF(RMS)
IFSM
2
I t
VRRM
TJ
50 Hz
60 Hz
50 Hz
60 Hz
Range
CHARACTERISTICS
200
°C
Nell High Power Products
All dimensions in millimeters
24
23
3-M6 SCREWS
23
2−Ø6.3
15+1
80+1
94+1
www.nellsemi.com
1
2
3
1
1
2
2
3
3
1
2
3


Similar Part No. - NKJ200

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKJ200 NELLSEMI-NKJ200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
More results

Similar Description - NKJ200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
SD200R20PC VISHAY-SD200R20PC Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
VS-SD200NR VISHAY-VS-SD200NR Datasheet
140Kb / 7P
   Standard Recovery Diodes, (Stud Version), 200 A
01-Jan-2022
SD200NR VISHAY-SD200NR Datasheet
139Kb / 7P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
NKD160A NELLSEMI-NKD160A Datasheet
353Kb / 4P
   Standard Recovery Diodes, 160 A
NKD135A NELLSEMI-NKD135A Datasheet
322Kb / 4P
   Standard Recovery Diodes, 135 A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VSMD400AW60 VISHAY-VSMD400AW60 Datasheet
159Kb / 6P
   Standard Recovery Diodes, 400 A
Revision: 08-Mar-11
logo
Nell Semiconductor Co.,...
NKE160A NELLSEMI-NKE160A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com