Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376388-4 Datasheet(PDF) 43 Page - Tyco Electronics

Part # 3-1376388-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376388-4 Datasheet(HTML) 43 Page - Tyco Electronics

Back Button 3-1376388-4 Datasheet HTML 39Page - Tyco Electronics 3-1376388-4 Datasheet HTML 40Page - Tyco Electronics 3-1376388-4 Datasheet HTML 41Page - Tyco Electronics 3-1376388-4 Datasheet HTML 42Page - Tyco Electronics 3-1376388-4 Datasheet HTML 43Page - Tyco Electronics 3-1376388-4 Datasheet HTML 44Page - Tyco Electronics 3-1376388-4 Datasheet HTML 45Page - Tyco Electronics 3-1376388-4 Datasheet HTML 46Page - Tyco Electronics 3-1376388-4 Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
177
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Flanged Cap Housings with Twist and Lock Feature
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Available in a 6, 9, and 12
circuit design
I
Designed for household
appliances where a
bulkhead connector system
is needed in conjunction
with foam-in insulation
I
Mates with standard
Universal MATE-N-LOK plug
housings (page 174)
I
Accepts Universal
MATE-N-LOK pin and socket
contacts (page 167)
I
Designed to utilize the
Splash Proof/Sealed
Universal MATE-N-LOK
seals for additional sealing
protection (pages 174-175)
Material and Finish
Housing—Nylon, UL 94V-0 or
UL 94V-2 rated
Contacts—Phosphor Bronze or Brass
Plating—Pre-tin or Gold
Related Product Data
Contacts—pages 172-173
Plug Housings—page 174
Seals—page 180
.115
[2.92]
1.365
[34.67]
.185
[4.69]
1.145
[29.08]
2.000
[50.80]
.290
[7.36]
.010
[0.25]
1.080
[27.43]
.800
[20.32]
.550
[13.97]
.675
[17.15]
2 Plc.
.510
[12.95]
Notes:
1. Recommended Panel Thickness:
0.76-2.29 [.030-.090]
2. Panel must be punched so that
the housing enters the panel in
the same direction as the punch.
3. Asymmetrical panel cutout pro-
vides polarization for Pin 1 loca-
tion.
Recommended Panel Cutout
(for 6 and 9 Pos. Housings)
Dia.
Dia.
Dia.
Radius
Number of
Cap Housing Part Numbers
Circuits
UL 94V-0
UL 94V-2
6
794760-1
794714-1
9
794761-1
794715-1
12
794762-1
794716-1
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376388-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376388-4 MACOM-3-1376388-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376388-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com