Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376389-4 Datasheet(PDF) 62 Page - Tyco Electronics

Part # 3-1376389-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376389-4 Datasheet(HTML) 62 Page - Tyco Electronics

Back Button 3-1376389-4 Datasheet HTML 58Page - Tyco Electronics 3-1376389-4 Datasheet HTML 59Page - Tyco Electronics 3-1376389-4 Datasheet HTML 60Page - Tyco Electronics 3-1376389-4 Datasheet HTML 61Page - Tyco Electronics 3-1376389-4 Datasheet HTML 62Page - Tyco Electronics 3-1376389-4 Datasheet HTML 63Page - Tyco Electronics 3-1376389-4 Datasheet HTML 64Page - Tyco Electronics 3-1376389-4 Datasheet HTML 65Page - Tyco Electronics 3-1376389-4 Datasheet HTML 66Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
196
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Plug or
Cap Housing
Strain Reliefs
IS 408-3320
Material — Nylon
Flammability Rating — UL 94V-0
Keying Plug
IS 408-3200
Related Product Data
Housings— pages 193-194
Technical Documents— pages 189
and 205-206
(2) #6x3/8 Lg. Type B
Pan head sheet metal
screws (not supplied)
Insert
Note 2
2 Req’d/Assy.
Note 3
1.300
[33.02]
A
(2) #6x3/8 Lg. Type B
Pan head sheet metal
screws (not supplied)
Insert
Note 2
2 Req’d/Assy.
Note 3
1.300
[33.02]
A
2, 3, 4, 5, 6, 9, 12 and 15
Circuit (Enclosed)
.940
[23.88]
.130
[3.30]
Style
Number of
A
Insert
Single Wire
Wire Bundle
Strain Relief
Circuits
Dim.
Supplied
Dia. Range
Dia. Range
Part Numbers
Yes
.040 – .190
640713-1
2
.960
1.02 – 4.83
24.38
No
.200 – .350
640713-2
5.08 – 8.89
Yes
.040 – .190
640714-1
3
1.140
1.02 – 4.83
28.96
No
.200 – .350
641945-1
In-Line
5.08 – 8.89
Yes
.040 – .190
641776-1
4
1.340
1.02 – 4.83
34.04
No
.200 – .350
641776-2
5.08 – 8.89
Yes
.040 – .190
643030-1
5
1.530
1.02 – 4.83
38.86
No
.200 – .350
643030-4
5.08 – 8.89
6
1.030
Yes
.120 – .650
640715-1
26.16
3.05 – 16.51
9
1.030
Yes
.120 – .650
640716-1
Matrix
26.16
3.05 – 16.51
12
1.280
Yes
.150 – .750
640717-1
32.51
3.81 – 19.05
15
1.530
Yes
.200 – .850
640718-1
38.86
5.08 – 21.59
Notes:
1. Insert comes attached to strain relief. It can be used to provide additional adjustment for small wire bundles or discarded.
2. Insert to be positioned as shown by dotted lines.
3. Strain relief part number represents one-half of a strain relief. Two of a part number are required for one connector.
Part Number
UL94V-0 Nylon material — 770377-1
In-Line
Matrix
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com