Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376391-4 Datasheet(PDF) 65 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 65 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 61Page - Tyco Electronics 3-1376391-4 Datasheet HTML 62Page - Tyco Electronics 3-1376391-4 Datasheet HTML 63Page - Tyco Electronics 3-1376391-4 Datasheet HTML 64Page - Tyco Electronics 3-1376391-4 Datasheet HTML 65Page - Tyco Electronics 3-1376391-4 Datasheet HTML 66Page - Tyco Electronics 3-1376391-4 Datasheet HTML 67Page - Tyco Electronics 3-1376391-4 Datasheet HTML 68Page - Tyco Electronics 3-1376391-4 Datasheet HTML 69Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
199
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Headers for UMNL II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Recommended
PC Board
Hole Layouts
for Pin and Socket
Vertical Headers
Related Product Data
Vertical Headers — pages 197-198
5 Circuit
4 Circuit
3 Circuit
2 Circuit
Polarizing Hole
See Note
No. 1 Position
.250
[6.35]
Typ.
Dia. Typ.
.070
[1.78]
.175
[4.45]
2, 3, 4 and 5
Circuit, In-Line
6, 9, 12 and 15
Circuit, Matrix
Polarizing Hole
See Note
.250
[6.35]
Typ.
.250
[6.35]
Typ.
No. 1 Circuit
No. 2 Circuit
Polarizing Hole
See Note
.070
[1.78]
Dia. Typ.
.175
[4.45]
.250
[6.35]
Typ.
.250
[6.35]
Typ.
No. 1 Circuit
No. 2 Circuit
250
.35]
Typ.
No. 1 Circuit
No. 2 Circuit
Polarizing Hole
See Note
.250
[6.35]
Typ.
No. 1 Circuit
No. 2 Circuit
Polarizing Hole
See Note
.250
[6.35]
Typ.
.250
[6.35]
Typ.
.175
[4.45]
.070
[1.78]
Dia. Typ.
.070
[1.78]
Dia. Typ.
.175
[4.45]
.175
[4.45]
.070
[1.78]
Dia. Typ.
Note: Polarizing hole .070 [1.78] Dia. required for polarized headers only.
PC Board Vertical
Pin Headers with
ACTION PIN Contacts
Material and Finish
Housing — PBT, black
Flammability Rating — UL94V-0
Contacts — Copper alloy, plated with
tin over nickel on entire contact
Related Product Data
Performance Characteristics—
pages 189-190
Technical Documents— pages 189
and 205-206
Product Specification
108-5222 ACTION PIN Universal
MATE-N-LOK Header
Assembly
Mating Connectors
Universal MATE-N-LOK II
Plug Housings — pages 193-194
Universal MATE-N-LOK
Plug Housings — page 175
.299
[7.59]
Typ.
A
.250
[6.35]
.200
[5.08
]
± .004
± 0.10
.630
[16.00]
Max.
Recommended PC Board Hole Layout
2 Circuit
3 Circuit
4 Circuit
.062
[1.57]
Ref.
PC Board Hole Dimensions
.100
[2.54
]
± .004
± 0.10
.200
[5.08
]
± .004
± 0.10
Dia. After
Reflow
.032
[0.81
]
± .002
± 0.05
.038
[0.97
]
± .001
± 0.03
.0003-.0012
[0.01-0.03]
.001-.003
[0.03-0.08]
Mates with Plug Housing
Number of
Part Number (Using Socket Contacts)
Circuits
A Dim.
Part Number
Universal
Universal
MATE-N-LOK II
MATE-N-LOK
2
.750
173924-1*
770017-1
350777-1
19.05
3
1.000
173925-1*
770018-1
350766-1
25.40
4
1.250
173926-1*
770019-1
350779-1
31.75
*Install in PC Board with arbor tool.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com