Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376391-4 Datasheet(PDF) 35 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 35 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 31Page - Tyco Electronics 3-1376391-4 Datasheet HTML 32Page - Tyco Electronics 3-1376391-4 Datasheet HTML 33Page - Tyco Electronics 3-1376391-4 Datasheet HTML 34Page - Tyco Electronics 3-1376391-4 Datasheet HTML 35Page - Tyco Electronics 3-1376391-4 Datasheet HTML 36Page - Tyco Electronics 3-1376391-4 Datasheet HTML 37Page - Tyco Electronics 3-1376391-4 Datasheet HTML 38Page - Tyco Electronics 3-1376391-4 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
169
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors
AMP
Soft Shell
Pin and Socket Connectors
Performance Characteristics
The Universal MATE-N-LOK Connector
performance characteristics found on
pages 169-170 are based on free-hanging
and panel mount connectors, loaded
with contacts crimped on stranded wire.
Dielectric Withstanding Voltage—
5.0 KVAC or 5.0 KVDC between
adjacent circuits
Insulation Resistance—
1000 megohms minimum initial between
adjacent circuits
Voltage Rating—600 V AC or DC
Contact Insertion Force—
5.0 lb. max. per contact
Contact Retention—15 lb. min.
per contact
Durability—50 cycles, mating and
unmating
Product Facts
I
Pins and sockets can be
intermixed in the same
housing
I
Positive polarization
I
Rear cavity identification
I
Contacts completely
enclosed in housings
I
Positive locking housings
I
Insulation capability to .200
[5.08] diameter
I
Removable, crimp snap-in
contacts
I
Low contact mating force
I
Contacts accept 30-10 AWG
[.05-5.0 mm2] wire sizes
I
Contacts available with pre-
tin or gold plating
I
Dual locking lances provide
optimum contact stability
I
Panel mount or free-hanging
I
Mate with Universal
MATE-N-LOK II Housings
I
Available in UL 94V-O flame
retardant material. Meets
the material requirements of
table 25.1 of U.L. Standard
1410 (television receivers
and video products)
I
Not for interrupting current
I
Harness to PC Board capa-
bility using pin or socket
headers
I
Pin and socket headers are
available in both vertical and
right-angle style
I
Solderability — headers meet
MIL-STD 202 Method 208
I
Contacts are on .250 [6.35]
centerline spacing
I
Recognized under the
Component
Program of
Underwriters Laboratories
Inc., File No. E28476
I
Certified by Canadian
Standards Association,
File No. LR 7189
I
Passed test by VDE under
their Registration Number
3980/Continuous
Surveillance
R
R
Technical Documents
Product Specifications
108-1031 Universal MATE-N-LOK
Connectors
108-1053 Universal MATE-N-LOK
PC Board Headers
Application Specification
114-1010 Universal MATE-N-LOK
Contacts
Instruction Sheet
408-7714 Plug, Cap, Headers, Pin,
Socket and Accessories


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com