Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5335B Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 1N5335B
Description  5 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5335B Datasheet(HTML) 3 Page - Digitron Semiconductors

  1N5335B Datasheet HTML 1Page - Digitron Semiconductors 1N5335B Datasheet HTML 2Page - Digitron Semiconductors 1N5335B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5333B-1N5388B
5 WATT ZENER DIODES
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121010


Similar Part No. - 1N5335B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5335B MOTOROLA-1N5335B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SEMTECH ELECTRONICS LTD...
1N5335B SEMTECH_ELEC-1N5335B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
List of Unclassifed Man...
1N5335B ETC2-1N5335B Datasheet
382Kb / 3P
   Transient Voltage Suppressor
logo
Boca Semiconductor Corp...
1N5335B BOCA-1N5335B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diotech Company.
1N5335B DIOTECH-1N5335B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
More results

Similar Description - 1N5335B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com