Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376383-4 Datasheet(PDF) 18 Page - Tyco Electronics

Part # 3-1376383-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376383-4 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button 3-1376383-4 Datasheet HTML 14Page - Tyco Electronics 3-1376383-4 Datasheet HTML 15Page - Tyco Electronics 3-1376383-4 Datasheet HTML 16Page - Tyco Electronics 3-1376383-4 Datasheet HTML 17Page - Tyco Electronics 3-1376383-4 Datasheet HTML 18Page - Tyco Electronics 3-1376383-4 Datasheet HTML 19Page - Tyco Electronics 3-1376383-4 Datasheet HTML 20Page - Tyco Electronics 3-1376383-4 Datasheet HTML 21Page - Tyco Electronics 3-1376383-4 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
152
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Performance
Characteristics (Continued)
Maximum Current—Maximum cur-
rent rating of Commercial MATE-N-LOK
connectors is limited by the maximum
operating temperature of the housings
which is 105°C including the tempera-
ture rise of the contacts which is a
maximum of 30°C. There are several
variables which have a direct effect on
this maximum current-carrying capabil-
ity for a given connector and must
be considered for each application.
These variables are:
Wire Size—Larger diameter wire will
carry more current since it has less
internal resistance to current flow and
thus generates less heat. Longer wire
lengths also enhance current-carrying
capabilities since the wire conducts heat
away from the connector.
Connector Size—In general, the more
circuits in a connector, the less current
can be carried.
Ambient Temperature—The higher
the ambient temperature, the less current
can be carried in any given connector.
Printed Wiring Board Conductor
Size—The finished trace conductor
width and thickness should be maxi-
mized to allow for the greatest current-
carrying capacity and heat dissipation.
Commercial MATE-N-LOK connectors
also will withstand the following tests:
Vibration—10-55-10 cycles per
minute at .06 inch total excursion
Physical Shock—18 drops,
50 G sawtooth at 11 milliseconds
Housing Panel Mount Retention—
40 lb. min. 3 and 4 circuit
65 lb. min. 6, 9, 12, and 15 circuit
Housing Lock Strength with
Positive Locking Devices
Engaged—
25 lb. min.
Thermal Shock— -55°C to +85°C
Temperature-Humidity Cycling—
25°C to 65°C at 95 RH
Corrosion—48 hr. at 5% salt
concentration
Related Product Data
Product Specifications
108-1000 Commercial MATE-N-LOK
Connectors
108-1077 Commercial MATE-N-LOK
PC Board Headers
Current Rating Verification for 30°C Maximum Temperature Rise 100% Energized
Wire-to-Wire
Motor Mount Calculated Current Table
Number of
Wire Gauge
Circuits
14
16
18
20
22
24
30
6
13.00
10.50
9.50
7.50
6.00
5.00
2.50
8
12.00
9.50
8.50
7.00
5.50
4.50
2.50
10
11.00
9.00
8.00
6.50
5.00
4.50
2.00
12
10.50
8.50
7.50
6.00
5.00
4.00
2.00
16
9.50
8.00
7.00
5.50
4.50
3.50
2.00
Values are based on initial Temperature Rise versus Current Testing and are intended to be a guide in the selection of a con-
nector family. All applications should be tested by the end user. The values listed are per circuit for fully loaded housings
being 100% energized. Note: All combinations were not tested, and this chart contains interpolated and extrapolated values.
Calculated Current Table
Number of
Wire Gauge
Circuits
14
16
18
20
22
24
30
1
19.00
15.50
14.00
11.00
9.00
7.50
4.00
2
18.00
14.50
13.00
10.50
8.50
7.00
4.00
3
16.00
13.00
12.00
9.50
7.50
6.50
3.50
4
15.00
12.50
11.00
9.00
7.00
6.00
3.00
6 Matrix
13.00
10.50
9.50
7.50
6.00
5.00
3.00
8
12.50
10.50
9.00
7.50
6.00
5.00
2.50
9
11.00
9.00
8.00
6.50
5.50
4.50
2.50
10
12.00
9.50
8.50
7.00
5.50
4.50
2.50
12
10.50
8.50
7.50
6.00
5.00
4.00
2.00
15
9.50
8.00
7.00
5.50
4.50
4.00
2.00
Values are based on initial Temperature Rise versus Current Testing and are intended to be a guide in the selection of a con-
nector family. All applications should be tested by the end user. The values listed are per circuit for fully loaded housings
being 100% energized. Note: All combinations were not tested, and this chart contains interpolated and extrapolated values.
Termination
Contact
Resistance
Crimp
Wire Size
Test
Resistance
Tensile Force
AWG
mm2
Current
Milliohms
Force (Min.)
(Amps)
(Max. Init.)
lbs.
N
30
.05
.50
4.00
29
28
.08
.75
3.50
3
13
26
.12
1.00
3.50
7
31
24
.2
1.5
3.50
10
44
22
.3
3
3.50
15
67
20
.5
4.5
3.00
20
89
18
.8
6
3.00
30
133
16
1.2
8
2.75
30
133
14
2.0
10
2.75
35
156
Note: This is the total resistance between wire crimps of a mated pin and socket.
Wire-to-Board
Due to the vast differences in trace
geometry and printed circuit board
configurations, we are unable to
provide a separate current carrying
chart for our printed circuit board
header products. However, the
above Wire-to-Wire charts may be
used as a guideline for headers if
the trace width and thickness is
equal to the listed wire gauge. For
vertical headers, only 95% of the
Wire-to-Wire value should be used.
For right-angle headers, only 75% of
the Wire-to-Wire value should be
used. The chart values are only a
tool for connector selection and will
require the customer to fully test
their application.
Minimum Wire Lengths for T-Rise vs. Current Testing
AWG
Min. Length (in.)
AWG
Min. Length (in.)
30
2.6
18
9.4
28
3.2
16
11.3
26
4.1
14
13.7
24
5.1
12
16.4
20
7.8
10
19.3
Note: If wire lengths used are less than those listed above, the current carry-
ing ability of the system will be reduced due to less heat being conducted
away from the connector. The customer should fully test all applications.
Termination Resistance/Contact Crimp Tensile Force


Similar Part No. - 3-1376383-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376383-4 MACOM-3-1376383-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376383-4 MACOM-3-1376383-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376383-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com