Selected language     English  â–Ľ


3-1376385-4 Datasheet(PDF) 9 Page - Tyco Electronics

Part No. 3-1376385-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
143
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Polarized
I
Cavity identification
I
Low contact-mating force
I
Dual locking lances
I
Detent and positive locking
I
Contacts available in brass
and phosphor bronze with
tin and gold plating
I
Panel mounting and free-
hanging styles
I
“F” crimp contacts
I
Applicator and hand tool
available
I
Economical commercial-
grade connectors
I
Compatible with high-speed
application machinery and
competitive soft shells
I
Wire range 24 to 14 AWG
[0.2 to 2 mm2]
I
Accepts wires with
insulation diameters as
large as .180 [4.57]
I
Housings available in 1 to
15 positions
I
.093 plug and receptacle
housings accept pin or
socket contacts. The
preferred convention is to
use socket contacts with
receptacle housings
I
Not for interrupting current
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards Association,
File No. LR 7189
R
R
Performance Characteristics
The .093 Commercial Pin and Socket
Connectors performance characteristics
found on pages 143-144 are based on
free-hanging and panel mount connec-
tors, loaded with contacts crimped on
stranded wire.
Thermal Shock— -55°C to +105°C
Temperature-Humidity Cycling—
+25°C to +65°C at 90–95% RH
Corrosion—48 hr. at 5% salt
concentration
Vibration—10-55-10 cycles per
minute at .06 [1.52] total excursion
Physical Shock—18 shocks,
50 Gs sawtooth in 11 milliseconds
Durability—50 mating cycles
Dielectric Withstanding Voltage—
1.0 kVAC
Insulation Resistance—
1000 megohms min. initial
Voltage Rating—250 V AC or DC
Connector Mating—
2.5 lb. [11.1 N] max. per contact
Connector Unmating—
1.5 lb. [6.7 N] min. per contact
Contact Retention—
10 lb. [44.5 N] min.
Technical Documents
Application Specification
114-49000 .093 Commercial Pin and
Socket Connectors
Product Specification
108-1038
.093 Commercial Pin and
Socket Connectors




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl