Selected language     English  ā–¼


3-1376385-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 3-1376385-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 3 page
background image
137
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Material and Finish
Pre-tinned Copper Alloy
Receptacle Contacts
Material and Finish
UL94V-0, 6/6 Nylon, glass filled, Black
Double Lock Plates
Section X-X
Receptacle Contact
Applicator
AWG
mm2
Wire Ins. Dia.
Part No.
Part No.
24~20
0.22~0.53
1.89~2.7
1376348-1 (Strip Form)
*
20~16
0.5~1.25
2.0~3.1
1376347-1 (Strip Form)
*
* Contact the Tooling Assistance Center (TAC) at 1-800-722-1111 for Applicator Part Number.
Note: Dimensions shown are metric.
Note: All part numbers are RoHS Compliant.
Wire Range
Double Lock Plate
Applicable
No. of Pos.
AB
Part No.
Plug Part No.
2
13.5
5
1376394-1
-1376388-
-1376392-
3
18.5
10
1376395-1
-1376389-
-1376393-
4
23.5
15
1376396-1
-1376390-
6
33.5
25
1376397-1
-1376391-
* Contact the Tooling Assistance Center (TAC) for Applicator Part Number.
Note: Dimensions shown are metric.
Note: All part numbers are RoHS Compliant.
Dimensions (Double Lock Plate)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl