Electronic Components Datasheet Search
Selected language     English  â–Ľ


3-1376386-4 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 6 page
background image
140
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Material and Finish
Housing—6/6 Nylon, glass filled
Tab Contacts -Copper Alloy, Tin plated
Related Product Data
Mating Plug Housings—page 138
Vertical Header Assembly
Type of Keying/Color
Section X-X
PC Board Layout
No. of
Mating
Pos.
AB
Tube
Type A
Type B
Type C
Type D
Plug Housing
(Qty.)
Natural
Red
Blue
Yellow
Part Number
2
11.6
—
L.P
1376382-1
1-1376382-2
2-1376382-3
3-1376382-4
-1376388-
Tube
1376437-1 (40)
1-1376437-2 (40)
2-1376437-3 (40)
3-1376437-4 (40)
3
16.6
10
L.P
1376383-1
1-1376383-2
2-1376383-3
3-1376383-4
-1376389-
Tube
1376439-1 (25)
1-1376439-2 (25)
2-1376439-3 (25)
3-1376439-4 (25)
4
21.6
15
L.P
1376384-1
1-1376384-2
2-1376384-3
3-1376384-4
-1376390-
Tube
1376440-1 (20)
1-1376440-2 (20)
2-1376440-3 (20)
3-1376440-4 (20)
6
31.6
25
L.P
1376385-1
1-1376385-2
2-1376385-3
3-1376385-4
-1376391-
Tube
1376441-1 (15)
1-1376441-2 (15)
2-1376441-3 (15)
3-1376441-4 (15)
2*
16.6
10
L.P
1376421-1
1-1376421-2
2-1376421-3
3-1376421-4
-1376389-
Tube
1376444-1 (25)
1-1376444-2 (25)
2-1376444-3 (25)
3-1376444-4 (25)
*10 mm centerline
Note: Dimensions shown are metric.
Note: All part numbers are RoHS Compliant.
Vertical Header Assy. Part No.
Type of Keying/Color
Dimensions
Loose Piece




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl