Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM11 Datasheet(PDF) 8 Page - Shanghai Lunsure Electronic Tech

Part # ZMM11
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

ZMM11 Datasheet(HTML) 8 Page - Shanghai Lunsure Electronic Tech

  ZMM11 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 7Page - Shanghai Lunsure Electronic Tech ZMM11 Datasheet HTML 8Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CE
ZMM1 THRU ZMM200
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
ZMM1…ZMM200 SILICON PLANER ZENER DIODES
Temperature dependence of
Zener voltage versus voltage
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 8 of 8


Similar Part No. - ZMM11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM11 SEMTECH-ZMM11 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Jin Yu Semicon...
ZMM11 HTSEMI-ZMM11 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Bytesonic Electronics C...
ZMM11 BYTESONIC-ZMM11 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Diodes Incorporated
ZMM11 DIODES-ZMM11 Datasheet
59Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
Diotec Semiconductor
ZMM11 DIOTEC-ZMM11 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM11

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com