Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-R86 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-R86
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R86 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-R86 Datasheet HTML 1Page - Omron Electronics LLC E3S-R86 Datasheet HTML 2Page - Omron Electronics LLC E3S-R86 Datasheet HTML 3Page - Omron Electronics LLC E3S-R86 Datasheet HTML 4Page - Omron Electronics LLC E3S-R86 Datasheet HTML 5Page - Omron Electronics LLC E3S-R86 Datasheet HTML 6Page - Omron Electronics LLC E3S-R86 Datasheet HTML 7Page - Omron Electronics LLC E3S-R86 Datasheet HTML 8Page - Omron Electronics LLC E3S-R86 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
E3S-R
5
Light Level Change Rates with Various Transparent Objects (*1)
The following are the permeation rates of various transparent objects on condition that a permeation rate of 100 means that there is no object within
the sensing distance of the E3S-R. The permeation rate of any type of object sensed by the E3S-R must be as low as possible for reliable detection
of the object. Before using the E3S-R, be sure to test it on samples to make sure it can detect the items reliably.
*1. The sensing distance of each model was set to the rated sensing distance.
*2. The permeability values were checked with light at a wavelength of 700
μm.
I/O Circuit Diagrams
NPN Output
Sensing object
Appearance
Model
E3S-R12, R62
E3S-R17, R67
E3S-R11, R31, R61, R81
E3S-R16, R36, R66, R86
E3S-RS30
@@
E3S-R1
@@
Through
position
Center
Center
Center
Center
Cylindri-
cal
glass
object
10 dia.
× 30, t = 1.0
27
---
20
33
15 dia.
× 30, t = 1.25
27
---
20
13
20 dia.
× 30, t = 1.7
22
---
28
13
30 dia.
× 30, t = 1.9
41
---
43
23
100 dia.
× 30, t = 2.5
58
---
55
50
200 dia.
× 30, t = 5.0
55
---
58
58
Glass
plate
50
× 50, t = 0.5
82
82
78
---
50
× 50, t = 1
74
74
70
75
50
× 50, t = 2
73
73
70
75
50
× 50, t = 3
62
62
58
65
50
× 50, t = 5
53
53
50
55
50
× 50, t = 10
38
38
35
40
Liquid
crystal
glass
t = 0.5
(permeability of 98%) *2
86
86
---
---
t = 0.7
(permeability of 95%) *2
81
81
---
---
t = 1.1
(permeability of 91%) *2
75
75
---
---
Operating range
95 max.
95 max.
90 max.
80 max.
Stable operating range
90 max.
90 max.
70 max.
60 max.
Model
Operation
mode
Timing Charts
Operation
selector
Output circuit
E3S-R11(12)
E3S-R61(62)
E3S-R16(17)
E3S-R66(67)
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between brown
and black leads)
Output
transistor
Load
(e.g., relay)
Note: Pin 2 is not used.
Connector Pin Arrangement
3
1
2
4
1
4
3
ZD
100 mA max.
Brown
Black
Blue
10 to
30 VDC
Light
indicator
Stability
indicator
(Red)
(Green)
Photo-
electric
Sensor
main
circuit
Load
(relay)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(Red)
(Between brown
and black leads)
Output
transistor
Load
(e.g., relay)


Similar Part No. - E3S-R86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-R86 OMRON-E3S-R86 Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - E3S-R86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SCR62C OMRON-E3SCR62C Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
Lumileds Lighting Compa...
PB173 LUMILEDS-PB173 Datasheet
1Mb / 2P
   Creating the ideal ambiance for restaurants and other hospitality venues
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
   Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com