Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5386B Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N5386B
Description  5 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5386B Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5386B Datasheet HTML 1Page - Digitron Semiconductors 1N5386B Datasheet HTML 2Page - Digitron Semiconductors 1N5386B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5333B-1N5388B
5 WATT ZENER DIODES
MAXIMUM RATINGS
Rating
Value
Operating Temperature
-65 to +150°C
Storage Temperature
-65 to +150°C
DC Power Dissipation
5 Watts
Power Derating
40mW/°C over 75°C
Forward Voltage @ 1.0 amp
1.2 Volts max
Steady state power
TL ≤ 25°C 3/8” from body
TA = 25°C
5 W
1.47W
Thermal resistance
25°C/W
Solder temperature
260°C for 10 seconds maximum
ELECTRICAL CHARACTERISTICS
Type
Nominal
Zener
Voltage
VZ @ IZT
Volts
Zener
Test
Current
IZT
mA
Maximum
Zener
Impedance
ZZT @ IZT
Ohms
A,B,C
Maximum
Knee
Impedance
ZZK @ 1.0
mA
Ohms
Maximum
Reverse
Leakage
Current
IR @ VR
µA
Maximum
Reverse
Leakage
Current
Non & A
Suffix
Volts VR
Maximum
Reverse
Leakage
Current
B,C,D
Suffix
Volts VR
Maximum
Regulation
Voltage
rVZ
Volts
B,C,D
Maximum
Zener
Current
IZM
mA
Maximum
Surge
Current
IZSM
mA
1N5333B
3.3
380
3.0
400
300
1.0
1.0
0.85
1400
20.0
1N5334B
3.6
350
2.5
500
150
1.0
1.0
0.80
1320
18.7
1N5335B
3.9
320
2.0
500
50
1.0
1.0
0.54
1220
17.6
1N5336B
4.3
290
2.0
500
10
1.0
1.0
0.49
1100
16.4
1N5337B
4.7
260
2.0
450
5.0
1.0
1.0
0.44
1010
15.3
1N5338B
5.1
240
1.5
400
1.0
1.0
1.0
0.39
930
14.4
1N5339B
5.6
220
1.0
400
1.0
2.0
2.0
0.25
865
13.4
1N5340B
6.0
200
1.0
300
1.0
3.0
3.0
0.19
790
12.7
1N5341B
6.2
200
1.0
200
1.0
3.0
3.0
0.10
765
12.4
1N5342B
6.8
175
1.0
200
10
4.9
5.2
0.15
700
11.5
1N5343B
7.5
175
1.5
200
10
5.4
5.7
0.15
630
10.7
1N5344B
8.2
150
1.5
200
10
5.9
6.2
0.20
580
10.0
1N5345B
8.7
150
2.0
200
10
6.3
6.6
0.20
545
9.5
1N5346B
9.1
150
2.0
150
7.5
6.6
6.9
0.22
520
9.2
1N5347B
10
125
2.0
125
5.0
7.2
7.6
0.22
475
8.6
1N5348B
11
125
2.5
125
5.0
8.0
8.4
0.25
430
8.0
1N5349B
12
100
2.5
125
2.0
8.6
9.1
0.25
395
7.5
1N5350B
13
100
2.5
100
1.0
9.4
9.9
0.25
365
7.0
1N5351B
14
100
2.5
75
1.0
10.1
10.6
0.25
340
6.7
1N5352B
15
75
2.5
75
1.0
10.8
11.5
0.25
315
6.3
1N5353B
16
75
2.5
75
1.0
11.5
12.2
0.30
295
6.0
1N5354B
17
70
2.5
75
0.5
12.2
12.9
0.35
280
5.8
1N5355B
18
70
2.5
75
0.5
13.0
13.7
0.40
264
5.5
1N5356B
19
70
3.0
75
0.5
13.7
14.4
0.40
250
5.3
1N5357B
20
65
3.0
75
0.5
14.4
15.2
0.40
237
5.1
1N5358B
22
50
3.5
75
0.5
15.8
16.7
0.45
216
4.7
1N5359B
24
50
3.5
100
0.5
17.3
18.2
0.55
198
4.4
1N5360B
25
50
4.0
110
0.5
18.0
19.0
0.55
190
4.3
1N5361B
27
50
5.0
120
0.5
19.4
20.6
0.60
176
4.1
1N5362B
28
50
6.0
130
0.5
20.1
21.2
0.60
170
3.9
1N5363B
30
40
8.0
140
0.5
21.6
22.8
0.60
158
3.7
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121010


Similar Part No. - 1N5386B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5386B MOTOROLA-1N5386B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SUNMATE electronic Co.,...
1N5386B SUNMATE-1N5386B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
ON Semiconductor
1N5386B ONSEMI-1N5386B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Motorola, Inc
1N5386B MOTOROLA-1N5386B Datasheet
149Kb / 8P
   Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
logo
Frontier Electronics.
1N5386B FRONTIER-1N5386B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5386B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com