Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC245 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC245
Description  OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC245 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC245 Datasheet HTML 1Page - Unisonic Technologies U74HC245 Datasheet HTML 2Page - Unisonic Technologies U74HC245 Datasheet HTML 3Page - Unisonic Technologies U74HC245 Datasheet HTML 4Page - Unisonic Technologies U74HC245 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-639.C
SWITCHING CHARACTERISTICS (TA=25°С,CL=50pF,RL=1kΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation delay from input
(A or B) to output (B or A)
tPD
(tPLH/tPHL)
VCC=2V
40
105
ns
VCC=4.5V
15
21
ns
VCC=6V
12
18
ns
3-state output enable time from input
( OE ) to output (A or B)
tEN
(tPZL/tPZH)
VCC=2V
125
230
ns
VCC=4.5V
23
46
ns
VCC=6V
20
39
ns
3-state output disable time from
input ( OE ) to output (A or B)
tDIS
(tPLZ/tPHZ)
VCC=2V
74
200
ns
VCC=4.5V
25
40
ns
VCC=6V
21
34
ns
Output transition time, (A or B)
tT
(tR/tF)
VCC=2V
20
60
ns
VCC=4.5V
8
12
ns
VCC=6V
6
10
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
40
pF


Similar Part No. - U74HC245

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC245 UTC-U74HC245 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
U74HC245G-D20-T UTC-U74HC245G-D20-T Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
U74HC245G-P20-R UTC-U74HC245G-P20-R Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
U74HC245G-R20-R UTC-U74HC245G-R20-R Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
U74HC245G-S20-R UTC-U74HC245G-S20-R Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
More results

Similar Description - U74HC245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com