Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4761 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4761
Description  SILICON 1 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4761 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4761 Datasheet HTML 1Page - Digitron Semiconductors 1N4761 Datasheet HTML 2Page - Digitron Semiconductors 1N4761 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4728-1N4764
SILICON 1 WATT ZENER DIODES
MAXIMUM RATINGS
Characteristics
Value
Power dissipation @ 25°C
1W
Junction temperature
175°C
Operating and storage temperature range
-65 to +175°C
Maximum thermal resistance, junction to lead
@ 3/8 inch lead length from body
80°C/W
Maximum thermal resistance, junction to ambient
when mounted on FR4 PC board with 4mm2 copper pads and track width 1mm, length 25mm
140°C/W
Steady state power
@ 3/8 inch lead length from body
when mounted on FR4 PC board with 4mm2 copper pads and track width 1mm, length 25mm
1.0W @ TL ≤ 95°C
1.0W @ TA ≤ 35°C
Forward voltage @ 200mA
1.2 volts maximum
Solder temperatures
260°C for 10 s maximum
ELECTRICAL CHARACTERISTICS @ 25°C AMBIENT
Zener
Voltage(4)
(VZ)
Test
Current
(lZT)
Maximum
Dynamic
Impedance(2)
(ZZT @ lZT)
Maximum
Reverse
Current
(lR @ VR)
Test
Voltage
(VR)
Maximum
Regulator
Current (lZM)
TA = 50°C
Maximum
Knee
Impedance(2)
(ZZK @ lZK)
Test
Current
(lZK)
Maximum
(Surge)
Current(3)
(lS)
Type
Number
VOLTS
mA
OHMS
μA
VOLTS
mA
OHMS
mA
mA
1N4728
3.3
76
10
100
1
276
400
1.0
1380
1N4729
3.6
69
10
100
1
252
400
1.0
1260
1N4730
3.9
64
9.0
50
1
234
400
1.0
1190
1N4731
4.3
58
9.0
10
1
217
400
1.0
1070
1N4732
4.7
53
8.0
10
1
193
500
1.0
970
1N4733
5.1
49
7.0
10
1
178
550
1.0
890
1N4734
5.6
45
5.0
10
2
162
600
1.0
810
1N4735
6.2
41
2.0
10
3
146
700
1.0
730
1N4736
6.8
37
3.5
10
4
133
700
1.0
660
1N4737
7.5
34
4.0
10
5
121
700
0.5
605
1N4738
8.2
31
4.5
10
6
110
700
0.5
550
1N4739
9.1
28
5.0
10
7
100
700
0.5
500
1N4740
10
25
7.0
10
7.6
91
700
0.25
454
1N4741
11
23
8.0
5
8.4
83
700
0.25
414
1N4742
12
21
9.0
5
9.1
76
700
0.25
380
1N4743
13
19
10
5
9.9
69
700
0.25
344
1N4744
15
17
14
5
11.4
61
700
0.25
304
1N4745
16
15.5
16
5
12.2
57
700
0.25
285
1N4746
18
14
20
5
13.7
50
750
0.25
250
1N4747
20
12.5
22
5
15.2
45
750
0.25
225
1N4748
22
11.5
23
5
16.7
41
750
0.25
205
1N4749
24
10.5
25
5
18.2
38
750
0.25
190
1N4750
27
9.5
35
5
20.6
34
750
0.25
170
1N4751
30
8.5
40
5
22.8
30
1000
0.25
150
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120912


Similar Part No. - 1N4761

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4761 SURGE-1N4761 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4761 CHENDA-1N4761 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4761 JINANJINGHENG-1N4761 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4761 NJSEMI-1N4761 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Semtech Corporation
1N4761 SEMTECH-1N4761 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4761

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
1N3821 MICROSEMI-1N3821 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com