Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP0703 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HCP0703
Description  High Current, Pressed, Power Inductors HCP0703 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HCP0703 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HCP0703 Datasheet HTML 1Page - List of Unclassifed Manufacturers HCP0703 Datasheet HTML 2Page - List of Unclassifed Manufacturers HCP0703 Datasheet HTML 3Page - List of Unclassifed Manufacturers HCP0703 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
2
7.3 Max.
7.0 Max.
3.0 Max.
2.4±0.3
1.27±0.3
4.5
1.68
3.40
4.00
Top View
Front View
Bottom View
Left View
Recommended Pad Layout
Schematic
1
2
Dimensions - mm
Part Marking: HCP0703
xxx = Inductance value in
μH. (R = Decimal point). If no “R” is present, then last character is # of zeros
yyww = Date code
Supplied in tape-and-reel packaging, 1500 parts per reel, 13” diameter reel.
Packaging Information - mm
Core Loss
0210
BU-SB10141
Page 2 of 4
Data Sheet: 4352
2.0
1.5 dia +0.1/-0.0
Section A-A
7.5
1.5 dia min
A
A
4.0
16.0
12.0
3.2mm
7.7mm
7.3mm
User direction of feed
1
2
Core Loss vs. B
1
10
100
1000
10000
0
0
0
0
1
0
0
0
1
0
0
1
0
1
B(Guass)
p-p
p-p
1000kHz
700kHz
500kHz
300kHz
100kHz
HCM0703
Recommended
for
New
Designs
See
Data
Sheet
4085


Similar Part No. - HCP0703

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HCP0704 COOPER-HCP0704 Datasheet
447Kb / 4P
   High Current, High Frequency, Power Inductors
HCP0704-1R0-R COOPER-HCP0704-1R0-R Datasheet
447Kb / 4P
   High Current, High Frequency, Power Inductors
HCP0704-1R8-R COOPER-HCP0704-1R8-R Datasheet
447Kb / 4P
   High Current, High Frequency, Power Inductors
HCP0704-2R3-R COOPER-HCP0704-2R3-R Datasheet
447Kb / 4P
   High Current, High Frequency, Power Inductors
HCP0704-3R3-R COOPER-HCP0704-3R3-R Datasheet
447Kb / 4P
   High Current, High Frequency, Power Inductors
More results

Similar Description - HCP0703

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
   High Current Power Inductors HCM1104 Series
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
   HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
   HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
   High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
   High current power inductors
HC9 EATON-HC9 Datasheet
441Kb / 4P
   High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
   High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
   High current power inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com