Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL1-HP-DC24V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HL1-HP-DC24V
Description  Relay for control panel of 1c 15A, and 2c 10A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HL1-HP-DC24V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HL1-HP-DC24V Datasheet HTML 1Page - Panasonic Semiconductor HL1-HP-DC24V Datasheet HTML 2Page - Panasonic Semiconductor HL1-HP-DC24V Datasheet HTML 3Page - Panasonic Semiconductor HL1-HP-DC24V Datasheet HTML 4Page - Panasonic Semiconductor HL1-HP-DC24V Datasheet HTML 5Page - Panasonic Semiconductor HL1-HP-DC24V Datasheet HTML 6Page - Panasonic Semiconductor HL1-HP-DC24V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
HL
–2–
ASCTB114E 201305-T
TYPES
1. Plug-in type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
2. Plug-in type (with LED indication)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Nominal coil
voltage
1 Form C
2 Form C
Part No.
Part No.
6V AC
HL1-H-AC6V-F
HL2-H-AC6V-F
12V AC
HL1-H-AC12V-F
HL2-H-AC12V-F
24V AC
HL1-H-AC24V-F
HL2-H-AC24V-F
48V AC
HL1-H-AC48V-F
HL2-H-AC48V-F
100/110V AC
HL1-H-AC100V-F
HL2-H-AC100V-F
110/120V AC
HL1-H-AC120V-F
HL2-H-AC120V-F
200/220V AC
HL1-H-AC200V-F
HL2-H-AC200V-F
220/240V AC
HL1-H-AC240V-F
HL2-H-AC240V-F
6V DC
HL1-H-DC6V-F
HL2-H-DC6V-F
12V DC
HL1-H-DC12V-F
HL2-H-DC12V-F
24V DC
HL1-H-DC24V-F
HL2-H-DC24V-F
48V DC
HL1-H-DC48V-F
HL2-H-DC48V-F
100/110V DC
HL1-H-DC100V-F
HL2-H-DC100V-F
Nominal coil
voltage
1 Form C
2 Form C
Part No.
Part No.
6V AC
HL1-L-AC6V-F
HL2-L-AC6V-F
12V AC
HL1-L-AC12V-F
HL2-L-AC12V-F
24V AC
HL1-L-AC24V-F
HL2-L-AC24V-F
48V AC
HL1-L-AC48V-F
HL2-L-AC48V-F
100/110V AC
HL1-L-AC100V-F
HL2-L-AC100V-F
110/120V AC
HL1-L-AC120V-F
HL2-L-AC120V-F
200/220V AC
HL1-L-AC200V-F
HL2-L-AC200V-F
220/240V AC
HL1-L-AC240V-F
HL2-L-AC240V-F
6V DC
HL1-L-DC6V-F
HL2-L-DC6V-F
12V DC
HL1-L-DC12V-F
HL2-L-DC12V-F
24V DC
HL1-L-DC24V-F
HL2-L-DC24V-F
48V DC
HL1-L-DC48V-F
HL2-L-DC48V-F
100/110V DC
HL1-L-DC100V-F
HL2-L-DC100V-F
3. Plug-in type (with LED indication and diode)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
4. PC board type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Nominal coil
voltage
1 Form C
2 Form C
Part No.
Part No.
6V DC
HL1-L-DC6V-D-F
HL2-L-DC6V-D-F
12V DC
HL1-L-DC12V-D-F
HL2-L-DC12V-D-F
24V DC
HL1-L-DC24V-D-F
HL2-L-DC24V-D-F
48V DC
HL1-L-DC48V-D-F
HL2-L-DC48V-D-F
100/110V DC
HL1-L-DC100V-D-F
HL2-L-DC100V-D-F
Nominal coil
voltage
1 Form C
2 Form C
Part No.
Part No.
6V AC
HL1-HP-AC6V-F
HL2-HP-AC6V-F
12V AC
HL1-HP-AC12V-F
HL2-HP-AC12V-F
24V AC
HL1-HP-AC24V-F
HL2-HP-AC24V-F
48V AC
HL1-HP-AC48V-F
HL2-HP-AC48V-F
100/110V AC
HL1-HP-AC100V-F
HL2-HP-AC100V-F
110/120V AC
HL1-HP-AC120V-F
HL2-HP-AC120V-F
200/220V AC
HL1-HP-AC200V-F
HL2-HP-AC200V-F
220/240V AC
HL1-HP-AC240V-F
HL2-HP-AC240V-F
6V DC
HL1-HP-DC6V-F
HL2-HP-DC6V-F
12V DC
HL1-HP-DC12V-F
HL2-HP-DC12V-F
24V DC
HL1-HP-DC24V-F
HL2-HP-DC24V-F
48V DC
HL1-HP-DC48V-F
HL2-HP-DC48V-F
100/110V DC
HL1-HP-DC100V-F
HL2-HP-DC100V-F
5. PC board type (with LED indication)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
6. TM type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
Nominal coil
voltage
1 Form C
2 Form C
Part No.
Part No.
6V AC
HL1-PL-AC6V-F
HL2-PL-AC6V-F
12V AC
HL1-PL-AC12V-F
HL2-PL-AC12V-F
24V AC
HL1-PL-AC24V-F
HL2-PL-AC24V-F
48V AC
HL1-PL-AC48V-F
HL2-PL-AC48V-F
100/110V AC
HL1-PL-AC100V-F
HL2-PL-AC100V-F
110/120V AC
HL1-PL-AC120V-F
HL2-PL-AC120V-F
200/220V AC
HL1-PL-AC200V-F
HL2-PL-AC200V-F
220/240V AC
HL1-PL-AC240V-F
HL2-PL-AC240V-F
6V DC
HL1-PL-DC6V-F
HL2-PL-DC6V-F
12V DC
HL1-PL-DC12V-F
HL2-PL-DC12V-F
24V DC
HL1-PL-DC24V-F
HL2-PL-DC24V-F
48V DC
HL1-PL-DC48V-F
HL2-PL-DC48V-F
100/110V DC
HL1-PL-DC100V-F
HL2-PL-DC100V-F
Nominal coil
voltage
1 Form C
2 Form C
Part No.
Part No.
6V AC
HL1-HTM-AC6V-F
HL2-HTM-AC6V-F
12V AC
HL1-HTM-AC12V-F
HL2-HTM-AC12V-F
24V AC
HL1-HTM-AC24V-F
HL2-HTM-AC24V-F
48V AC
HL1-HTM-AC48V-F
HL2-HTM-AC48V-F
100/110V AC
HL1-HTM-AC100V-F
HL2-HTM-AC100V-F
110/120V AC
HL1-HTM-AC120V-F
HL2-HTM-AC120V-F
200/220V AC
HL1-HTM-AC200V-F
HL2-HTM-AC200V-F
220/240V AC
HL1-HTM-AC240V-F
HL2-HTM-AC240V-F
6V DC
HL1-HTM-DC6V-F
HL2-HTM-DC6V-F
12V DC
HL1-HTM-DC12V-F
HL2-HTM-DC12V-F
24V DC
HL1-HTM-DC24V-F
HL2-HTM-DC24V-F
48V DC
HL1-HTM-DC48V-F
HL2-HTM-DC48V-F
100/110V DC
HL1-HTM-DC100V-F
HL2-HTM-DC100V-F


Similar Part No. - HL1-HP-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
More results

Similar Description - HL1-HP-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com