Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLE-108-02-L-DV Datasheet(PDF) 1 Page - Samtec, Inc

Part # HLE-108-02-L-DV
Description  COST-EFFECTIVE RELIABLE SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HLE-108-02-L-DV Datasheet(HTML) 1 Page - Samtec, Inc

  HLE-108-02-L-DV Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
HLE SERIES
HLE–116–02–L–DV
HLE–110–02–L–DV–A
HLE–130–02–L–DV
WWW.SAMTEC.COM
–LC
= Locking Clip
(2 positions min.)
(N/A with -A)
(Manual placement
required)
(1,27)
.050
(1,42)
.056
Mates With:
TSW, MTSW, DW,
EW, ZW, TLW, TSM,
MTLW, HW
Note: Some lengths,
styles and options are
non-standard, non-returnable.
F-214
02
PLATING
OPTION
NO. PINS
PER ROW
1
HLE
DV
02 thru 50
OTHER
OPTION
–A
= Alignment Pin
(4 positions min.)
Metal or plastic at
Samtec discretion
(N/A with -TE,
-PE & -LC)
(5,08)
.200
02
01
(2,54)
.100
(2,54)
.100
No. of Positions x (2,54) .100
(3,51)
.138
(0,51)
.020
(1,27)
.050
(1,60)
.063
DIA
–K
= (6,50 mm) .256"
DIA Polyimide
Film Pick &
Place Pad
(3 positions min.)
Not available
with –TE or
–PE tail option
–P
= Metal Pick &
Place Pad
(3 positions min.)
(3,86)
.152
(7,11) .280
x
(5,71) .225
–TR
= Tape & Reel
Packaging
(29 positions max.)
TAIL
OPTION
–BE
= Bottom Entry
(N/A with –TE)
–TE
= Through-Hole
Top Entry
(3,05)
.120
(2,54)
.100
–PE
–TE
(3,66)
.144
(6,60)
.260
Leave blank for
Surface Mount
(Requires –BE for Bottom Entry)
(7,62)
.300
(2,30)
.090
(Requires –BE for Bottom Entry)
For complete specifications
and recommended PCB layouts
see www.samtec.com?HLE
Insulator Material:
Black Liquid Crystal Polymer
Contact Material:
BeCu
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Current Rating (HLE/TSM):
4.1 A per pin
(1 pin powered per row)
Voltage Rating:
400 VAC
Operating Temp Range:
-55°C to +125°C
Insertion Depth:
(1,78 mm) .070" to
(3,43 mm) .135", pass-through,
or (2,59 mm) .102" min
plus board thickness for
bottom entry
Insertion Force:
(Single contact only)
2 oz (0,56 N) avg.
Withdrawal Force:
(Single contact only)
1.6 oz (0,44 N) avg.
RoHS Compliant:
Yes
Processing:
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10 mm) .004" max (02-20)
(0,15 mm) .006" max (21-50)
SPECIFICATIONS
–F
= Gold flash on contact,
Matte Tin on tail
–L
= 10µ" (0,25 µm) Gold on contact,
Matte Tin on tail
–PE
= Through-hole
Pass-Through Entry
COST-EFFECTIVE RELIABLE SOCKET
For complete scope
of recognitions see
www.samtec.com/quality
RECOGNITIONS
FILE NO: 090871_0_000
ALSO AVAILABLE
(MOQ Required)
• Other platings
Contact Samtec.


Similar Part No. - HLE-108-02-L-DV

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HLE-110-02-L-DV-A SAMTEC-HLE-110-02-L-DV-A Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
HLE-116-02-L-DV SAMTEC-HLE-116-02-L-DV Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
HLE-130-02-L-DV SAMTEC-HLE-130-02-L-DV Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
More results

Similar Description - HLE-108-02-L-DV

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HLE10702LDV SAMTEC-HLE10702LDV Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
FLE-115-01-G-DV-A SAMTEC-FLE-115-01-G-DV-A Datasheet
608Kb / 1P
   COST EFFECTIVE RELIABLE SOCKET
FLE-119-01-G-DV-K SAMTEC-FLE-119-01-G-DV-K Datasheet
988Kb / 1P
   COST EFFECTIVE RELIABLE SOCKET
logo
Murata Manufacturing Co...
CSTLS4M00G56-B0 MURATA-CSTLS4M00G56-B0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS20M0X51Z-B0 MURATA-CSTLS20M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS23M0X51Z-B0 MURATA-CSTLS23M0X51Z-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS25M0X51-B0 MURATA-CSTLS25M0X51-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS10M0G56-A0 MURATA-CSTLS10M0G56-A0 Datasheet
193Kb / 3P
   cost-effective and reliable availability
CSTLS3M52G53-B0 MURATA-CSTLS3M52G53-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
CSTLS3M84G53-A0 MURATA-CSTLS3M84G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com